Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 533 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 533 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 529Page - Renesas Technology Corp H8S2245 Datasheet HTML 530Page - Renesas Technology Corp H8S2245 Datasheet HTML 531Page - Renesas Technology Corp H8S2245 Datasheet HTML 532Page - Renesas Technology Corp H8S2245 Datasheet HTML 533Page - Renesas Technology Corp H8S2245 Datasheet HTML 534Page - Renesas Technology Corp H8S2245 Datasheet HTML 535Page - Renesas Technology Corp H8S2245 Datasheet HTML 536Page - Renesas Technology Corp H8S2245 Datasheet HTML 537Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 818 page
background image
Section 13 Smart Card Interface
Rev.3.00 Mar. 26, 2007 Page 491 of 772
REJ09B0355-0300
Serial Data Transmission
As data transmission in smart card mode involves error signal sampling and retransmission
processing, the processing procedure is different from that for the normal SCI. Figure 13.4 shows
a flowchart for transmitting, and figure 13.5 shows the relation between a transmit operation and
the internal registers.
[1] Perform Smart Card interface mode initialization as described above in Initialization.
[2] Check that the ERS error flag in SSR is cleared to 0.
[3] Repeat steps [2] and [3] until it can be confirmed that the TEND flag in SSR is set to 1.
[4] Write the transmit data to TDR, clear the TDRE flag to 0, and perform the transmit operation.
The TEND flag is cleared to 0.
[5] When transmitting data continuously, go back to step [2].
[6] To end transmission, clear the TE bit to 0.
With the above processing, interrupt servicing or data transfer by the DTC is possible.
If transmission ends and the TEND flag is set to 1 while the TIE bit is set to 1 and interrupt
requests are enabled, a transmit data empty interrupt (TXI) request will be generated. If an error
occurs in transmission and the ERS flag is set to 1 while the RIE bit is set to 1 and interrupt
requests are enabled, a transfer error interrupt (ERI) request will be generated.
The timing for setting the TEND flag depends on the value of the GM bit in SMR. The TEND flag
set timing is shown in figure 13.6.
If the DTC is activated by a TXI request, the number of bytes set in the DTC can be transmitted
automatically, including automatic retransmission.
For details, see Interrupt Operations and Data Transfer Operation by DTC below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com