Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 529 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 529 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 525Page - Renesas Technology Corp H8S2245 Datasheet HTML 526Page - Renesas Technology Corp H8S2245 Datasheet HTML 527Page - Renesas Technology Corp H8S2245 Datasheet HTML 528Page - Renesas Technology Corp H8S2245 Datasheet HTML 529Page - Renesas Technology Corp H8S2245 Datasheet HTML 530Page - Renesas Technology Corp H8S2245 Datasheet HTML 531Page - Renesas Technology Corp H8S2245 Datasheet HTML 532Page - Renesas Technology Corp H8S2245 Datasheet HTML 533Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 529 / 818 page
background image
Section 13 Smart Card Interface
Rev.3.00 Mar. 26, 2007 Page 487 of 772
REJ09B0355-0300
Smart Card Mode Register (SCMR) Setting
The SDIR bit is cleared to 0 if the IC card is of the direct convention type, and set to 1 if of the
inverse convention type.
The SINV bit is cleared to 0 if the IC card is of the direct convention type, and set to 1 if of the
inverse convention type.
The SMIF bit is set to 1 in the case of the Smart Card interface.
Examples of register settings and the waveform of the start character are shown below for the two
types of IC card (direct convention and inverse convention).
• Direct convention (SDIR = SINV = O/E = 0)
Ds
D0
D1
D2
D3
D4
D5
D6
D7
Dp
AZ
ZAZ
Z
Z
A
A
Z
(Z)
(Z)
State
With the direct convention type, the logic 1 level corresponds to state Z and the logic 0 level to
state A, and transfer is performed in LSB-first order. The start character data above is H'3B.
The parity bit is 1 since even parity is stipulated for the Smart Card.
• Inverse convention (SDIR = SINV = O/E = 1)
Ds
D7
D6
D5
D4
D3
D2
D1
D0
Dp
A
Z
Z
AAAAAA
Z
(Z)
(Z)
State
With the inverse convention type, the logic 1 level corresponds to state A and the logic 0 level
to state Z, and transfer is performed in MSB-first order. The start character data above is H'3F.
The parity bit is 0, corresponding to state Z, since even parity is stipulated for the Smart Card.
With the H8S/2245 Group, inversion specified by the SINV bit applies only to the data bits,
D7 to D0. For parity bit inversion, the O/
E bit in SMR is set to odd parity mode (the same
applies to both transmission and reception).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com