Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 528 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 528 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 524Page - Renesas Technology Corp H8S2245 Datasheet HTML 525Page - Renesas Technology Corp H8S2245 Datasheet HTML 526Page - Renesas Technology Corp H8S2245 Datasheet HTML 527Page - Renesas Technology Corp H8S2245 Datasheet HTML 528Page - Renesas Technology Corp H8S2245 Datasheet HTML 529Page - Renesas Technology Corp H8S2245 Datasheet HTML 530Page - Renesas Technology Corp H8S2245 Datasheet HTML 531Page - Renesas Technology Corp H8S2245 Datasheet HTML 532Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 528 / 818 page
background image
Section 13 Smart Card Interface
Rev.3.00 Mar. 26, 2007 Page 486 of 772
REJ09B0355-0300
Table 13.3
Smart Card Interface Register Settings
Bit
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SMR
GM
0
1
O/
E
1
0
CKS1
CKS0
BRR
BRR7
BRR6
BRR5
BRR4
BRR3
BRR2
BRR1
BRR0
SCR
TIE
RIE
TE
RE
0
0
CKE1*
CKE0
TDR
TDR7
TDR6
TDR5
TDR4
TDR3
TDR2
TDR1
TDR0
SSR
TDRE
RDRF
ORER
ERS
PER
TEND
0
0
RDR
RDR7
RDR6
RDR5
RDR4
RDR3
RDR2
RDR1
RDR0
SCMR
——
——
SDIR
SINV
—
SMIF
Legend:
— : Unused bit
Note:
*
The CKE1 bit must be cleared to 0 when the GM bit in SMR is cleared to 0.
SMR Setting
The GM bit is cleared to 0 in normal smart card interface mode, and set to 1 in GSM mode. The
O/
E bit is cleared to 0 if the IC card is of the direct convention type, and set to 1 if of the inverse
convention type.
Bits CKS1 and CKS0 select the clock source of the on-chip baud rate generator. See section
13.3.5, Clock.
BRR Setting
BRR is used to set the bit rate. See section 13.3.5, Clock, for the method of calculating the value
to be set.
SCR Setting
The function of the TIE, RIE, TE, and RE bits is the same as for the normal SCI. For details, see
section 12, Serial Communication Interface (SCI).
Bits CKE1 and CKE0 specify the clock output. When the GM bit in SMR is cleared to 0, set these
bits to B'00 if a clock is not to be output, or to B'01 if a clock is to be output. When the GM bit in
SMR is set to 1, clock output is performed. The clock output can also be fixed high or low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com