Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 530 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 530 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 526Page - Renesas Technology Corp H8S2245 Datasheet HTML 527Page - Renesas Technology Corp H8S2245 Datasheet HTML 528Page - Renesas Technology Corp H8S2245 Datasheet HTML 529Page - Renesas Technology Corp H8S2245 Datasheet HTML 530Page - Renesas Technology Corp H8S2245 Datasheet HTML 531Page - Renesas Technology Corp H8S2245 Datasheet HTML 532Page - Renesas Technology Corp H8S2245 Datasheet HTML 533Page - Renesas Technology Corp H8S2245 Datasheet HTML 534Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 530 / 818 page
background image
Section 13 Smart Card Interface
Rev.3.00 Mar. 26, 2007 Page 488 of 772
REJ09B0355-0300
13.3.5
Clock
Only an internal clock generated by the on-chip baud rate generator can be used as the
transmit/receive clock for the smart card interface. The bit rate is set with BRR and the CKS1 and
CKS0 bits in SMR. The formula for calculating the bit rate is as shown below. Table 13.5 shows
some sample bit rates.
If clock output is selected by setting CKE0 to 1, a clock with a frequency of 372 times the bit rate
is output from the SCK pin.
B =
φ
1488
× 22n–1 × (N + 1)
× 106
Where N = Value set in BRR (0
≤ N ≤ 255)
B = Bit rate (bit/s)
φ = Operating frequency (MHz)
n = See table 13.4
Table 13.4
Correspondence between n and CKS1, CKS0
n
CKS1
CKS0
00
0
11
21
0
31
Table 13.5
Examples of Bit Rate B (bit/s) for Various BRR Settings (When n = 0)
φφφφ (MHz)
N
10.00
10.714
13.00
14.285
16.00
18.00
20.00
0
13441
14400
17473
19200
21505
24194
26882
1
6720
7200
8737
9600
10753
12097
13441
2
4480
4800
5824
6400
7168
8065
8961
Note:
Bit rates are rounded to the nearest whole number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com