Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 535 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 535 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 531Page - Renesas Technology Corp H8S2245 Datasheet HTML 532Page - Renesas Technology Corp H8S2245 Datasheet HTML 533Page - Renesas Technology Corp H8S2245 Datasheet HTML 534Page - Renesas Technology Corp H8S2245 Datasheet HTML 535Page - Renesas Technology Corp H8S2245 Datasheet HTML 536Page - Renesas Technology Corp H8S2245 Datasheet HTML 537Page - Renesas Technology Corp H8S2245 Datasheet HTML 538Page - Renesas Technology Corp H8S2245 Datasheet HTML 539Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 818 page
background image
Section 13 Smart Card Interface
Rev.3.00 Mar. 26, 2007 Page 493 of 772
REJ09B0355-0300
(1) Data write
TDR
TSR
(shift register)
Data 1
(2) Transfer from
TDR to TSR
Data 1
Data 1
; Data remains in TDR
(3) Serial data output
Note: When the ERS flag is set, it should be cleared until transfer of the last bit (D7 in LSB-first
transmission, D0 in MSB-first transmission) of the next transfer data to be transmitted has
been completed.
In case of normal transmission: TEND flag is set
In case of transmit error:
ERS flag is set
Steps (2) and (3) above are repeated until the TEND flag is set
I/O signal line output
Data 1
Data 1
Figure 13.5 Relation Between Transmit Operation and Internal Registers
Ds
D0
D1
D2
D3
D4
D5
D6
D7
Dp
I/O data
12.5etu
TXI
(TEND interrupt)
11.0etu
DE
Guard
time
When GM = 1
Legend:
Ds
: Start bit
D0 to D7 : Data bits
Dp
: Parity bit
DE
: Error signal
When GM = 0
Figure 13.6 TEND Flag Generation Timing in Transmission Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com