Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 541 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 541 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 537Page - Renesas Technology Corp H8S2245 Datasheet HTML 538Page - Renesas Technology Corp H8S2245 Datasheet HTML 539Page - Renesas Technology Corp H8S2245 Datasheet HTML 540Page - Renesas Technology Corp H8S2245 Datasheet HTML 541Page - Renesas Technology Corp H8S2245 Datasheet HTML 542Page - Renesas Technology Corp H8S2245 Datasheet HTML 543Page - Renesas Technology Corp H8S2245 Datasheet HTML 544Page - Renesas Technology Corp H8S2245 Datasheet HTML 545Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 541 / 818 page
background image
Section 13 Smart Card Interface
Rev.3.00 Mar. 26, 2007 Page 499 of 772
REJ09B0355-0300
Internal
basic
clock
372 clocks
186 clocks
Receive
data (RxD)
Synchro-
nization
sampling
timing
D0
D1
Data
sampling
timing
185
371 0
371
185
0
0
Start bit
Figure 13.10 Receive Data Sampling Timing in Smart Card Mode
Thus the reception margin in asynchronous mode is given by the following formula.
M = | (0.5 –
1
2N
) – (L – 0.5) F –
| D – 0.5 |
N
(1 + F) |
× 100%
Where M: Reception margin (%)
N: Ratio of bit rate to clock (N = 372)
D: Clock duty (D = 0 to 1.0)
L: Frame length (L = 10)
F: Absolute value of clock frequency deviation
Assuming values of F = 0 and D = 0.5 in the above formula, the reception margin formula is as
follows.
When D = 0.5 and F = 0,
M = (0.5 – 1/2
× 372) × 100%
= 49.866%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com