Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 549 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 549 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 545Page - Renesas Technology Corp H8S2245 Datasheet HTML 546Page - Renesas Technology Corp H8S2245 Datasheet HTML 547Page - Renesas Technology Corp H8S2245 Datasheet HTML 548Page - Renesas Technology Corp H8S2245 Datasheet HTML 549Page - Renesas Technology Corp H8S2245 Datasheet HTML 550Page - Renesas Technology Corp H8S2245 Datasheet HTML 551Page - Renesas Technology Corp H8S2245 Datasheet HTML 552Page - Renesas Technology Corp H8S2245 Datasheet HTML 553Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 549 / 818 page
background image
Section 14 A/D Converter
Rev.3.00 Mar. 26, 2007 Page 507 of 772
REJ09B0355-0300
14.2
Register Descriptions
14.2.1
A/D Data Registers A to D (ADDRA to ADDRD)
15
AD9
0
R
Bit
Initial value
R/W
:
:
:
14
AD8
0
R
13
AD7
0
R
12
AD6
0
R
11
AD5
0
R
10
AD4
0
R
9
AD3
0
R
8
AD2
0
R
7
AD1
0
R
6
AD0
0
R
5
—
0
R
4
—
0
R
3
—
0
R
2
—
0
R
1
—
0
R
0
—
0
R
There are four 16-bit read-only ADDR registers, ADDRA to ADDRD, used to store the results of
A/D conversion.
The 10-bit data resulting from A/D conversion is transferred to the ADDR register for the selected
channel and stored there. The upper 8 bits of the converted data are transferred to the upper byte
(bits 15 to 8) of ADDR, and the lower 2 bits are transferred to the lower byte (bits 7 and 6) and
stored. Bits 5 to 0 are always read as 0.
The correspondence between the analog input channels and ADDR registers is shown in table
14.3.
ADDR can always be read by the CPU. The upper byte can be read directly, but for the lower
byte, data transfer is performed via a temporary register (TEMP). For details, see section 14.3,
Interface to Bus Master.
The ADDR registers are initialized to H'0000 by a reset, and in standby mode or module stop
mode.
Table 14.3
Analog Input Channels and Corresponding ADDR Registers
Analog Input Channel
A/D Data Register
AN0
ADDRA
AN1
ADDRB
AN2
ADDRC
AN3
ADDRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com