Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 550 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 550 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 546Page - Renesas Technology Corp H8S2245 Datasheet HTML 547Page - Renesas Technology Corp H8S2245 Datasheet HTML 548Page - Renesas Technology Corp H8S2245 Datasheet HTML 549Page - Renesas Technology Corp H8S2245 Datasheet HTML 550Page - Renesas Technology Corp H8S2245 Datasheet HTML 551Page - Renesas Technology Corp H8S2245 Datasheet HTML 552Page - Renesas Technology Corp H8S2245 Datasheet HTML 553Page - Renesas Technology Corp H8S2245 Datasheet HTML 554Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 550 / 818 page
background image
Section 14 A/D Converter
Rev.3.00 Mar. 26, 2007 Page 508 of 772
REJ09B0355-0300
14.2.2
A/D Control/Status Register (ADCSR)
7
ADF
0
R/(W)*
6
ADIE
0
R/W
5
ADST
0
R/W
4
SCAN
0
R/W
3
CKS
0
R/W
0
CH0
0
R/W
2
—
0
R/W
1
CH1
0
R/W
Bit
Initial value
R/W
:
:
:
Note: * Only 0 can be written to bit 7, to clear this flag.
ADCSR is an 8-bit readable/writable register that controls A/D conversion operations and shows
the status of the operation.
ADCSR is initialized to H'00 by a reset, and in hardware standby mode or module stop mode.
Bit 7—A/D End Flag (ADF): Status flag that indicates the end of A/D conversion.
Bit 7
ADF
Description
0
[Clearing conditions]
(Initial value)
• When 0 is written to the ADF flag after reading ADF = 1
• When the DTC* is activated by an ADI interrupt and ADDR is read
1
[Setting conditions]
• Single mode: When A/D conversion ends
• Scan mode: When A/D conversion ends on all specified channels
Note:
*
The flag is cleared only when DISEL in DTC is 0 and the transfer counter value is not 0.
Bit 6—A/D Interrupt Enable (ADIE): Selects enabling or disabling of interrupt (ADI) requests
at the end of A/D conversion.
Bit 6
ADIE
Description
0
A/D conversion end interrupt (ADI) request disabled
(Initial value)
1
A/D conversion end interrupt (ADI) request enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com