Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 624 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 624 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 620Page - Renesas Technology Corp H8S2245 Datasheet HTML 621Page - Renesas Technology Corp H8S2245 Datasheet HTML 622Page - Renesas Technology Corp H8S2245 Datasheet HTML 623Page - Renesas Technology Corp H8S2245 Datasheet HTML 624Page - Renesas Technology Corp H8S2245 Datasheet HTML 625Page - Renesas Technology Corp H8S2245 Datasheet HTML 626Page - Renesas Technology Corp H8S2245 Datasheet HTML 627Page - Renesas Technology Corp H8S2245 Datasheet HTML 628Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 624 / 818 page
background image
Section 19 Electrical Characteristics
Rev.3.00 Mar. 26, 2007 Page 582 of 772
REJ09B0355-0300
19.4.2
Control Signal Timing
Table 19.6 lists the control signal timing.
Table 19.6
Control Signal Timing
Condition A: V
CC = 2.7 V to 5.5 V, AVCC = 2.7 V to 5.5 V, Vref = 2.7 V to AVCC,
V
SS = AVSS = 0 V, φ = 32 kHz to 10 MHz, Ta = –20 to +75°C (regular
specifications), T
a = –40 to +85°C (wide-range specifications)
Condition B: V
CC = 2.7 V to 5.5 V, AVCC = 2.7 V to 5.5 V, Vref = 2.7 V to AVCC,
V
SS = AVSS = 0 V, φ = 32 kHz to 13 MHz, Ta = –20 to +75°C (regular
specifications), T
a = –40 to +85°c (wide-range specifications)
Condition C: V
CC = 5.0 V ±10%, AVCC = 5.0 V ±10%, Vref = 4.5 V to AVCC,
V
SS = AVSS = 0 V, φ = 2 to 20 MHz, Ta = –20 to +75°C (regular specifications),
T
a = –40 to +85°C (wide-range specifications)
Condition A
Condition B
Condition C
Item
Symbol
Min
Max
Min
Max
Min
Max
Unit
Test
Conditions
RES setup time
t
RESS
200
—
200
—
200
—
ns
Figure 19.6
RES pulse width
t
RESW
20
—
20
—
20
—
t
cyc
NMI reset setup
time
t
NMIRS
200
—
200
—
200
—
ns
NMI reset hold
time
t
NMIRH
200
—
200
—
200
—
NMI setup time
t
NMIS
200
—
200
—
150
—
ns
Figure 19.7
NMI hold time
t
NMIH
10
—
10
—
10
—
NMI pulse width
(exiting software
standby mode)
t
NMIW
200
—
200
—
200
—
ns
IRQ setup time
t
IRQS
200
—
200
—
150
—
ns
IRQ hold time
t
IRQH
10
—
10
—
10
—
ns
IRQ pulse width
(exiting software
standby mode)
t
IRQW
200
—
200
—
200
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com