Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 620 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 620 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 616Page - Renesas Technology Corp H8S2245 Datasheet HTML 617Page - Renesas Technology Corp H8S2245 Datasheet HTML 618Page - Renesas Technology Corp H8S2245 Datasheet HTML 619Page - Renesas Technology Corp H8S2245 Datasheet HTML 620Page - Renesas Technology Corp H8S2245 Datasheet HTML 621Page - Renesas Technology Corp H8S2245 Datasheet HTML 622Page - Renesas Technology Corp H8S2245 Datasheet HTML 623Page - Renesas Technology Corp H8S2245 Datasheet HTML 624Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 620 / 818 page
background image
Section 19 Electrical Characteristics
Rev.3.00 Mar. 26, 2007 Page 578 of 772
REJ09B0355-0300
Table 19.4
Permissible Output Currents
Conditions: V
CC = 2.7 V to 5.5 V, AVCC = 2.7 to 5.5 V, Vref = 2.7 V to AVCC, VSS = AVSS = 0 V,
T
a = –20 to +75°C (regular specifications), Ta = –40 to +85°C (wide-range
specifications)
Item
Symbol
Min
Typ
Max
Unit
Ports 1, A to C
I
OL
——
10
mA
Permissible output
low current (per pin)
Other output pins
——
2.0
mA
Permissible output
low current (total)
Total of 28 pins
including ports 1
and A to C
∑ I
OL
——
80
mA
Total of all output
pins, including the
above
——
120
mA
Permissible output
high current (per pin)
All output pins
–I
OH
——
2.0
mA
Permissible output
high current (total)
Total of all output
pins
∑ –I
OH
——
40
mA
Notes: 1. To protect chip reliability, do not exceed the output current values in table 19.4.
2. When driving a darlington pair or LED, always insert a current-limiting resister in the
output line, as show in figures 19.1 and 19.2.
2 k
Ω
H8S/2245 Group
Port
Darlington Pair
Figure 19.1 Darlington Pair Drive Circuit (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com