Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 616 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 616 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 612Page - Renesas Technology Corp H8S2245 Datasheet HTML 613Page - Renesas Technology Corp H8S2245 Datasheet HTML 614Page - Renesas Technology Corp H8S2245 Datasheet HTML 615Page - Renesas Technology Corp H8S2245 Datasheet HTML 616Page - Renesas Technology Corp H8S2245 Datasheet HTML 617Page - Renesas Technology Corp H8S2245 Datasheet HTML 618Page - Renesas Technology Corp H8S2245 Datasheet HTML 619Page - Renesas Technology Corp H8S2245 Datasheet HTML 620Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 616 / 818 page
background image
Section 19 Electrical Characteristics
Rev.3.00 Mar. 26, 2007 Page 574 of 772
REJ09B0355-0300
Notes: 1. If the A/D converter is not used, do not leave the AV
CC, AVSS, and Vref pins open.
Connect AV
CC and Vref to VCC, and connect AVSS to VSS.
2. Current dissipation values are for V
IH min = VCC –0.5 V and VIL max = 0.5V with all output
pins unloaded and the on-chip pull-up transistors in the off state.
3. The values are for V
RAM ≤ VCC < 4.5 V, VIH min = VCC × 0.9, and VIL max = 0.3 V.
4. I
CC depends on VCC and f as follows:
I
CC max = 2.0 (mA) + 0.67 (mA/(MHz × V)) × VCC × f [normal mode]
I
CC max = 2.0 (mA) + 0.48 (mA/(MHz × V)) × VCC × f [sleep mode]
I
CC max = 2.0 (mA) + 0.07 (mA/(MHz × V)) × VCC × f [sleep, all module stop and medium
speed (
φ/32) mode]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com