Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 613 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 613 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 609Page - Renesas Technology Corp H8S2245 Datasheet HTML 610Page - Renesas Technology Corp H8S2245 Datasheet HTML 611Page - Renesas Technology Corp H8S2245 Datasheet HTML 612Page - Renesas Technology Corp H8S2245 Datasheet HTML 613Page - Renesas Technology Corp H8S2245 Datasheet HTML 614Page - Renesas Technology Corp H8S2245 Datasheet HTML 615Page - Renesas Technology Corp H8S2245 Datasheet HTML 616Page - Renesas Technology Corp H8S2245 Datasheet HTML 617Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 613 / 818 page
background image
Section 19 Electrical Characteristics
Rev.3.00 Mar. 26, 2007 Page 571 of 772
REJ09B0355-0300
Clock Supply
Method
Crystal Resonator
Connection
External Clock Input
Operating
Modules
All Modules
DTC, TPU, SCI,
A/D Converter
CPU, I/O Ports,
Bus Controller, 8-Bit Timers,
Interrupt Controller, WDT
Condition A
5.5
20 M
10 M
2 M
32 k
0
2.7
4.5
VCC (V)
20 M
10 M
2 M
32 k
0
2.7
4.5
5.5
VCC (V)
Condition B
20 M
10 M
13 M
2 M
32 k
0
2.7
4.5
5.5
VCC (V)
20 M
10 M
13 M
2 M
32 k
0
2.7
4.5
5.5
VCC (V)
Condition C
20 M
10 M
2 M
32 k
0
2.7
4.5
5.5
VCC (V)
13 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com