Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 615 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 615 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 611Page - Renesas Technology Corp H8S2245 Datasheet HTML 612Page - Renesas Technology Corp H8S2245 Datasheet HTML 613Page - Renesas Technology Corp H8S2245 Datasheet HTML 614Page - Renesas Technology Corp H8S2245 Datasheet HTML 615Page - Renesas Technology Corp H8S2245 Datasheet HTML 616Page - Renesas Technology Corp H8S2245 Datasheet HTML 617Page - Renesas Technology Corp H8S2245 Datasheet HTML 618Page - Renesas Technology Corp H8S2245 Datasheet HTML 619Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 615 / 818 page
background image
Section 19 Electrical Characteristics
Rev.3.00 Mar. 26, 2007 Page 573 of 772
REJ09B0355-0300
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Three-state
leakage
current
(off state)
Ports 1 to 3,
5, A to G
I
TSI
——
1.0
µAV
in =
0.5 to V
CC –0.5 V
Input pull-up
MOS current
Ports A to E
–I
P
50
—
300
µAV
in = 0 V
RES
C
in
——
80
pF
NMI
——
50
pF
Input
capacitance
All input pins
except
RES
and NMI
——
15
pF
V
in = 0 V,
f = 1 MHz,
T
a = 25°C
Current
dissipation*
2
Normal
operation
I
CC*
4
—
50
(5.0 V)
75
(5.5 V)
mA
f = 20 MHz
Sleep mode
—
35
(5.0 V)
55
(5.5 V)
mA
f = 20 MHz
All module
stop mode
—
35
(5.0 V)
—
mA
Reference value
f = 20 MHz
Medium
speed (
φ/32)
mode
—
25
(5.0 V)
—
mA
Reference value
f = 20 MHz
Sleep, all
module stop
and medium
speed (
φ/32)
mode
—
5.0
(5.0 V)
10
(5.5 V)
mA
f = 20 MHz
—
0.01
5.0
T
a ≤ 50°C
Standby
mode*
3
——
20.0
µA
50°C < T
a
Analog power
supply current
During A/D
conversion
Al
CC
—
1.2
2.0
mA
Idle
—
0.01
5.0
µA
Reference
current
During A/D
conversion
Al
CC
—
0.5
0.8
mA
V
ref = 5.0 V
Idle
—
0.01
5.0
µA
RAM standby voltage
V
RAM
2.0
——
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com