Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 617 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 617 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 613Page - Renesas Technology Corp H8S2245 Datasheet HTML 614Page - Renesas Technology Corp H8S2245 Datasheet HTML 615Page - Renesas Technology Corp H8S2245 Datasheet HTML 616Page - Renesas Technology Corp H8S2245 Datasheet HTML 617Page - Renesas Technology Corp H8S2245 Datasheet HTML 618Page - Renesas Technology Corp H8S2245 Datasheet HTML 619Page - Renesas Technology Corp H8S2245 Datasheet HTML 620Page - Renesas Technology Corp H8S2245 Datasheet HTML 621Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 617 / 818 page
background image
Section 19 Electrical Characteristics
Rev.3.00 Mar. 26, 2007 Page 575 of 772
REJ09B0355-0300
Table 19.3
DC Characteristics (2)
Conditions: V
CC = 2.7 V to 5.5 V, AVCC = 2.7 V to 5.5 V, Vref = 2.7 V to AVCC,
V
SS = AVSS = 0 V*
1, T
a = –20 to +75°C (regular specifications),
T
a = –40 to +85°C (wide-range specifications)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
V
T
–
V
CC × 0.2
——
V
V
T
+
——
V
CC × 0.7
V
Schmitt trigger
input voltage
Port 2,
IRQ0 to IRQ7
V
T
+ – V
T
–
V
CC × 0.07
——
V
Input high
voltage
RES, STBY,
NMI, MD
2
to MD
0
V
IH
V
CC × 0.9
—
V
CC +0.3
V
EXTAL
V
CC × 0.7
—
V
CC +0.3
V
Ports 1, 3, 5,
A to G
V
CC × 0.7
—
V
CC +0.3
V
Port 4
V
CC × 0.7
—
AV
CC +0.3
V
Input low
voltage
RES, STBY,
MD
2 to MD0
V
IL
–0.3
—
V
CC × 0.1
V
NMI, EXTAL,
Ports 1, 3 to
5, A to G
–0.3
—
V
CC × 0.2
0.8
V
V
CC < 4.0 V
V
CC = 4.0 to 5.5 V
All output pins V
OH
V
CC –0.5
——
VI
OH = –200 µA
Output high
voltage
V
CC –1.0
——
VI
OH = –1 mA
All output pins V
OL
——
0.4
V
I
OL = 1.6 mA
Output low
voltage
Ports 1, A to
C
——
1.0
V
V
CC ≤ 4 V,
I
OL = 5 mA,
4 V < V
CC ≤ 5 V,
I
OL = 10 mA
RES
I
in
——
10.0
Input leakage
current
STBY, NMI,
MD
2 to MD0
——
1.0
µAV
in =
0.5 to V
CC –0.5 V
Port 4
——
1.0
µAV
in =
0.5 to AV
CC –0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com