Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 612 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 612 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 608Page - Renesas Technology Corp H8S2245 Datasheet HTML 609Page - Renesas Technology Corp H8S2245 Datasheet HTML 610Page - Renesas Technology Corp H8S2245 Datasheet HTML 611Page - Renesas Technology Corp H8S2245 Datasheet HTML 612Page - Renesas Technology Corp H8S2245 Datasheet HTML 613Page - Renesas Technology Corp H8S2245 Datasheet HTML 614Page - Renesas Technology Corp H8S2245 Datasheet HTML 615Page - Renesas Technology Corp H8S2245 Datasheet HTML 616Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 612 / 818 page
background image
Section 19 Electrical Characteristics
Rev.3.00 Mar. 26, 2007 Page 570 of 772
REJ09B0355-0300
19.2
Power Supply Voltage and Operating Frequency Ranges
Power supply voltage and operating frequency ranges (shaded areas) are shown in table 19.2.
Table 19.2
Power Supply Voltage and Operating Frequency Ranges
Condition A: All H8S/2245 Group products
V
CC = 2.7 V to 5.5 V, AVCC = 2.7 V to 5.5 V, Vref = 2.7 V to AVCC, VSS = AVSS = 0 V,
φ = 32 kHz to 10 MHz, T
a = –20°C to +75°C (regular specifications),
T
a = –40°C to +85°C (wide-range specifications)
Condition B: HD6432246, HD6432245, HD6432244, HD6432243, HD6432242, HD6432241R,
HD6412240
V
CC = 2.7 V to 5.5 V, AVCC = 2.7 V to 5.5 V, Vref = 2.7 V to AVCC, VSS = AVSS = 0 V,
φ = 32 kHz to 13 MHz, T
a = –20°C to +75°C (regular specifications),
T
a = –40°C to +85°C (wide-range specifications)
Condition C: All H8S/2245 Group products
V
CC = 5.0 V ±10%, AVCC = 5.0 V ±10%, Vref = 4.5 V to AVCC, VSS = AVSS = 0 V, φ =
2 MHz to 20 MHz, T
a = –20°C to +75°C (regular specifications),
T
a = –40°C to +85°C (wide-range specifications)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com