Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 635 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 635 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 631Page - Renesas Technology Corp H8S2245 Datasheet HTML 632Page - Renesas Technology Corp H8S2245 Datasheet HTML 633Page - Renesas Technology Corp H8S2245 Datasheet HTML 634Page - Renesas Technology Corp H8S2245 Datasheet HTML 635Page - Renesas Technology Corp H8S2245 Datasheet HTML 636Page - Renesas Technology Corp H8S2245 Datasheet HTML 637Page - Renesas Technology Corp H8S2245 Datasheet HTML 638Page - Renesas Technology Corp H8S2245 Datasheet HTML 639Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 635 / 818 page
background image
Section 19 Electrical Characteristics
Rev.3.00 Mar. 26, 2007 Page 593 of 772
REJ09B0355-0300
Condition A Condition B Condition C
Item
Symbol Min
Max
Min
Max
Min
Max
Unit
Test
Conditions
8-bit
timer
Timer output
delay time
t
TMOD
—
100
—
75
—
50
ns
Figure
19.18
Timer reset input
setup time
t
TMRS
50
—
50
—
30
—
ns
Figure
19.20
Timer clock input
setup time
t
TMCS
50
—
50
—
30
—
ns
Figure
19.19
Single
edge
t
TMCWH
1.5
—
1.5
—
1.5
—
t
cyc
Timer
clock
pulse
width
Both
edges
t
TMCWL
2.5
—
2.5
—
2.5
—
WDT
Overflow output
delay time
t
WOVD
—
100
—
75
—
50
ns
Figure
19.21
SCI
Asynchro-
nous
t
Scyc
4
—
4
—
4
—
t
cyc
Figure
19.22
Input
clock
cycle
Synchro-
nous
6
—
6
—
6
—
Input clock pulse
width
t
SCKW
0.4
0.6
0.4
0.6
0.4
0.6
t
Scyc
Input clock rise
time
t
SCKr
—
1.5
—
1.5
—
1.5
t
cyc
Input clock fall
time
t
SCKf
—
1.5
—
1.5
—
1.5
Transmit data
delay time
t
TXD
—
100
—
75
—
50
ns
Figure
19.23
Receive data
setup time
(synchronous)
t
RXS
100
—
75
—
50
—
ns
Receive data
hold time
(synchronous)
t
RXH
100
—
75
—
50
—
ns
A/D
con-
verter
Trigger input
setup time
t
TRGS
50
—
40
—
30
—
ns
Figure
19.24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com