Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 639 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 639 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 635Page - Renesas Technology Corp H8S2245 Datasheet HTML 636Page - Renesas Technology Corp H8S2245 Datasheet HTML 637Page - Renesas Technology Corp H8S2245 Datasheet HTML 638Page - Renesas Technology Corp H8S2245 Datasheet HTML 639Page - Renesas Technology Corp H8S2245 Datasheet HTML 640Page - Renesas Technology Corp H8S2245 Datasheet HTML 641Page - Renesas Technology Corp H8S2245 Datasheet HTML 642Page - Renesas Technology Corp H8S2245 Datasheet HTML 643Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 639 / 818 page
background image
Section 19 Electrical Characteristics
Rev.3.00 Mar. 26, 2007 Page 597 of 772
REJ09B0355-0300
19.5
A/D Conversion Characteristics
Table 19.9 lists the A/D conversion characteristics.
Table 19.9
A/D Conversion Characteristics
Condition A: V
CC = 2.7 V to 5.5 V, AVCC = 2.7 V to 5.5 V, Vref = 2.7 V to AVCC,
V
SS = AVSS = 0 V, φ = 2 to 10 MHz, Ta = –20 to +75°C (regular specifications),
T
a = –40 to +85°C (wide-range specifications)
Condition B: V
CC = 2.7 V to 5.5 V, AVCC = 2.7 V to 5.5 V, Vref = 2.7 V to AVCC,
V
SS = AVSS = 0 V, φ = 2 to 13 MHz, Ta = –20 to +75°C (regular specifications),
T
a = –40 to +85°C (wide-range specifications)
Condition C: V
CC = 5.0 V ±10%, AVCC = 5.0 V ±10%, Vref = 4.5 V to AVCC,
V
SS = AVSS = 0 V, φ = 2 to 20 MHz, Ta = –20 to +75°C (regular specifications),
T
a = –40 to +85°C (wide-range specifications)
Condition A
Condition B
Condition C
Item
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Resolution
10
10
10
10
10
10
10
10
10
bits
Conversion time
13.1
——
9.8
——
6.5
——
µs
Analog input
capacitance
——
20
——
20
——
20
pF
——
10*
1
——
10*
1
——
10*
3
k
Ω
Permissible signal-
source impedance
——
5*
2
——
5*
2
——
5*
4
Nonlinearity error
——
±6.0
——
±6.0
——
±3.0
LSB
Offset error
——
±4.0
——
±4.0
——
±2.0
LSB
Full-scale error
——
±4.0
——
±4.0
——
±2.0
LSB
Quantization error
——
±0.5
——
±0.5
——
±0.5
LSB
Absolute accuracy
——
±8.0
——
±8.0
——
±4.0
LSB
Notes: 1. 4.0
≤ AV
CC ≤ 5.5 V
2. 2.7 V
≤ AV
CC < 4.0 V
3.
φ ≤ 12 MHz
4.
φ > 12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com