Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 641 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 641 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 637Page - Renesas Technology Corp H8S2245 Datasheet HTML 638Page - Renesas Technology Corp H8S2245 Datasheet HTML 639Page - Renesas Technology Corp H8S2245 Datasheet HTML 640Page - Renesas Technology Corp H8S2245 Datasheet HTML 641Page - Renesas Technology Corp H8S2245 Datasheet HTML 642Page - Renesas Technology Corp H8S2245 Datasheet HTML 643Page - Renesas Technology Corp H8S2245 Datasheet HTML 644Page - Renesas Technology Corp H8S2245 Datasheet HTML 645Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 641 / 818 page
background image
Appendix A Instruction Set
Rev.3.00 Mar. 26, 2007 Page 599 of 772
REJ09B0355-0300
Appendix A Instruction Set
A.1
Instruction List
Operand Notation
Rd
General register (destination)*
Rs
General register (source)*
Rn
General register*
ERn
General register (32-bit register)
(EAd)
Destination operand
(EAs)
Source operand
EXR
Extended control register
CCR
Condition-code register
N
N (negative) flag in CCR
Z
Z (zero) flag in CCR
V
V (overflow) flag in CCR
C
C (carry) flag in CCR
PC
Program counter
SP
Stack pointer
#IMM
Immediate data
disp
Displacement
+Add
–
Subtract
×
Multiply
÷
Divide
∧
Logical AND
∨
Logical OR
⊕
Logical exclusive OR
→
Move
¬
Logical NOT (logical complement)
( ) < >
Contents of effective address of the operand
:8/:16/:24/:32
8-, 16-, 24-, or 32-bit length
Note:
*
General registers include 8-bit registers (R0H to R7H, R0L to R7L), 16-bit registers (R0
to R7, E0 to E7), and 32-bit registers (ER0 to ER7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com