Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 737 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 737 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 733Page - Renesas Technology Corp H8S2245 Datasheet HTML 734Page - Renesas Technology Corp H8S2245 Datasheet HTML 735Page - Renesas Technology Corp H8S2245 Datasheet HTML 736Page - Renesas Technology Corp H8S2245 Datasheet HTML 737Page - Renesas Technology Corp H8S2245 Datasheet HTML 738Page - Renesas Technology Corp H8S2245 Datasheet HTML 739Page - Renesas Technology Corp H8S2245 Datasheet HTML 740Page - Renesas Technology Corp H8S2245 Datasheet HTML 741Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 737 / 818 page
background image
Appendix B Register Field
Rev.3.00 Mar. 26, 2007 Page 695 of 772
REJ09B0355-0300
SCR2—Serial Control Register 2
H'FF8A
SCI2
7
TIE
0
R/W
6
RIE
0
R/W
5
TE
0
R/W
4
RE
0
R/W
3
MPIE
0
R/W
0
CKE0
0
R/W
2
TEIE
0
R/W
1
CKE1
0
R/W
Asynchronous
mode
Internal clock/SCK pin functions
as I/O port
Clock Enable
0
1
Transmit end interrupt (TEI) request disabled
Transmit end interrupt (TEI) request enabled
Transmit End Interrupt Enable
Multiprocessor interrupts disabled
[Clearing conditions]
• When the MPIE bit is cleared to 0
• When MPB = 1 data is received
Multiprocessor Interrupt Enable
0
1
Reception disabled
Reception enabled
Receive Enable
0
1
Transmission disabled
Transmission enabled
Transmit Enable
Receive data full interrupt (RXI) request and
receive error interrupt (ERI) request disabled
Receive Interrupt Enable
0
1
Transmit data empty interrupt (TXI) requests disabled
Transmit data empty interrupt (TXI) requests enabled
Transmit Interrupt Enable
Notes:
Bit
Initial value
Read/Write
:
:
:
Synchronous
mode
Internal clock/SCK pin functions
as serial clock output
Asynchronous
mode
Internal clock/SCK pin functions
as clock output*1
Synchronous
mode
Internal clock/SCK pin functions
as serial clock output
Asynchronous
mode
External clock/SCK pin functions
as clock input*2
Synchronous
mode
External clock/SCK pin functions
as serial clock input
Asynchronous
mode
External clock/SCK pin functions
as clock input*2
Synchronous
mode
External clock/SCK pin functions
as serial clock input
1. Outputs a clock of the same frequency as the bit rate.
2. Inputs a clock with a frequency 16 times the bit rate.
Multiprocessor interrupts enabled
Receive interrupt (RXI) requests, receive error interrupt (ERI)
requests, and setting of the RDRF, FER, and ORER flags in
SSR are disabled until data with the multiprocessor bit set to 1
is received
00
1
0
1
1
0
1
0
1
Receive data full interrupt (RXI) request and
receive error interrupt (ERI) request enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com