Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 741 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 741 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 737Page - Renesas Technology Corp H8S2245 Datasheet HTML 738Page - Renesas Technology Corp H8S2245 Datasheet HTML 739Page - Renesas Technology Corp H8S2245 Datasheet HTML 740Page - Renesas Technology Corp H8S2245 Datasheet HTML 741Page - Renesas Technology Corp H8S2245 Datasheet HTML 742Page - Renesas Technology Corp H8S2245 Datasheet HTML 743Page - Renesas Technology Corp H8S2245 Datasheet HTML 744Page - Renesas Technology Corp H8S2245 Datasheet HTML 745Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 741 / 818 page
background image
Appendix B Register Field
Rev.3.00 Mar. 26, 2007 Page 699 of 772
REJ09B0355-0300
SSR2—Serial Status Register 2
H'FF8C
Smart Card Interface 2
7
TDRE
1
R/(W)*1
6
RDRF
0
R/(W)*1
5
ORER
0
R/(W)*1
4
ERS
0
R/(W)*1
3
PER
0
R/(W)*1
0
MPBT
0
R/W
2
TEND
1
R
1
MPB
0
R
Notes: 1. Can only be written with 0 for flag clearing.
2. DTC can clear this bit only when DISEL is 0 with the transfer counter not being 0.
Transmit Data Register Empty
Receive Data Register Full
Overrun Error
Parity Error
Multiprocessor Bit
[Clearing condition]
When data with a 0 multiprocessor bit is received
Multiprocessor Bit Transfer
0
1
Data with a 0 multiprocessor bit is transmitted
Data with a 1 multiprocessor bit is transmitted
Bit
Initial value
Read/Write
:
:
:
[Setting condition]
When data with a 1 multiprocessor bit is received
[Clearing condition]
When 0 is written to PER after reading PER = 1
[Setting condition]
When, in reception, the number of 1 bits in the receive data plus the parity bit
does not match the parity setting (even or odd) specified by the O/
E bit in SMR
[Clearing condition]
When 0 is written to ORER after reading ORER = 1
[Setting condition]
On of the next serial reception when RDRF = 1 completion
[Clearing conditions]
• When 0 is written to RDRF after reading RDRF = 1
• When the DTC*2 is activated by an RXI interrupt and read data from RDR
[Setting condition]
When serial reception ends normally and receive data is transferred from RSR to RDR
[Clearing conditions]
• When 0 is written to TDRE after reading TDRE = 1
• When the DTC*2 is activated by a TXI interrupt and write data to TDR
[Setting conditions]
• When the TE bit in SCR is 0
• When data is transferred from TDR to TSR and data can be written to TDR
Transmit End
[Clearing conditions]
• When 0 is written to TDRE after reading TDRE = 1
• When the DTC*2 is activated by a TXI interrupt and write data to TDR
[Setting conditions]
• On reset, or in standby mode or module stop mode
• When the TE bit in SCR is 0
• When TDRE = 1 and ERS = 0 (normal transmission) 2.5 etu
after a 1-byte serial character is sent when GM = 0
• When TDRE = 1 and ERS = 0 (normal transmission) 1.0 etu
after a 1-byte serial character is sent when GM = 1
Note: etu: Elementary Time Unit (the time taken to transmit one bit)
0
Error Signal Status
[Clearing conditions]
• On reset, or in standby mode or module stop mode
• When 0 is written to ERS after reading ERS = 1
[Setting condition]
When the error signal is sampled at the low level
1
Note: Clearing the TE bit in SCR to 0 does not affect the ERS flag, which retains its prior state.
0
1
0
1
0
1
0
1
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com