Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 742 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 742 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 738Page - Renesas Technology Corp H8S2245 Datasheet HTML 739Page - Renesas Technology Corp H8S2245 Datasheet HTML 740Page - Renesas Technology Corp H8S2245 Datasheet HTML 741Page - Renesas Technology Corp H8S2245 Datasheet HTML 742Page - Renesas Technology Corp H8S2245 Datasheet HTML 743Page - Renesas Technology Corp H8S2245 Datasheet HTML 744Page - Renesas Technology Corp H8S2245 Datasheet HTML 745Page - Renesas Technology Corp H8S2245 Datasheet HTML 746Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 742 / 818 page
background image
Appendix B Register Field
Rev.3.00 Mar. 26, 2007 Page 700 of 772
REJ09B0355-0300
RDR2—Receive Data Register 2
H'FF8D
SCI2, Smart Card Interface 2
7
0
R
6
0
R
5
0
R
4
0
R
3
0
R
0
0
R
2
0
R
1
0
R
Stores received serial data
Bit
Initial value
Read/Write
:
:
:
SCMR2—Smart Card Mode Register 2
H'FF8E
SCI2, Smart Card Interface 2
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
SDIR
0
R/W
0
SMIF
0
R/W
2
SINV
0
R/W
1
—
1
—
0
1
TDR contents are transmitted LSB-first
Receive data is stored in RDR LSB-first
Smart Card Data Direction
0
1
TDR contents are transmitted as they are
Receive data is stored in RDR as it is
Smart Card Data Invert
0
1
Smart Card interface
function is disabled
Smart Card
Interface Mode Select
Bit
Initial value
Read/Write
:
:
:
Smart Card interface
function is enabled
TDR contents are inverted before being
transmitted
Receive data is stored in RDR in
inverted form
TDR contents are transmitted MSB-first
Receive data is stored in RDR MSB-first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com