Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 746 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 746 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 742Page - Renesas Technology Corp H8S2245 Datasheet HTML 743Page - Renesas Technology Corp H8S2245 Datasheet HTML 744Page - Renesas Technology Corp H8S2245 Datasheet HTML 745Page - Renesas Technology Corp H8S2245 Datasheet HTML 746Page - Renesas Technology Corp H8S2245 Datasheet HTML 747Page - Renesas Technology Corp H8S2245 Datasheet HTML 748Page - Renesas Technology Corp H8S2245 Datasheet HTML 749Page - Renesas Technology Corp H8S2245 Datasheet HTML 750Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 746 / 818 page
background image
Appendix B Register Field
Rev.3.00 Mar. 26, 2007 Page 704 of 772
REJ09B0355-0300
TCR0—Time Control Register 0
H'FFB0
8-Bit Timer Channel 0
TCR1—Time Control Register 1
H'FFB1
8-Bit Timer Channel 1
7
CMIEB
0
R/W
6
CMIEA
0
R/W
5
OVIE
0
R/W
4
CCLR1
0
R/W
3
CCLR0
0
R/W
0
CKS0
0
R/W
2
CKS2
0
R/W
1
CKS1
0
R/W
Note: *
00
0
1
Clock input disabled
Internal clock: counted at falling edge
of
φ/8
Internal clock: counted at falling edge
of
φ/64
10
Internal clock: counted at falling edge
of
φ/8192
1
1
0
0
For channel 0:
Count at TCNT1 overflow signal*
For channel 1:
Count at TCNT0 compare match A*
External clock: counted at rising edge
External clock: counted at falling edge
1
0
1
External clock: counted at both rising and
falling edges
1
Clock Select
0
1
CMFB interrupt requests (CMIB) are disabled
CMFB interrupt requests (CMIB) are enabled
Compare Match Interrupt Enable B
0
1
CMFA interrupt requests (CMIA) are disabled
CMFA interrupt requests (CMIA) are enabled
Compare Match Interrupt Enable A
0
1
OVF interrupt requests (OVI) are disabled
OVF interrupt requests (OVI) are enabled
Timer Overflow Interrupt Enable
0
1
Clear is disabled
Clear by compare match A
Clear by compare match B
Clear by rising edge of external reset input
0
1
0
1
Counter Clear
Bit
Initial value
Read/Write
If the count input of channel 0 is the TCNT1 overflow
signal and that of channel 1 is the TCNT0 compare
match signal, no incrementing clock is generated.
Do not use this setting.
:
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com