Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 749 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 749 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 745Page - Renesas Technology Corp H8S2245 Datasheet HTML 746Page - Renesas Technology Corp H8S2245 Datasheet HTML 747Page - Renesas Technology Corp H8S2245 Datasheet HTML 748Page - Renesas Technology Corp H8S2245 Datasheet HTML 749Page - Renesas Technology Corp H8S2245 Datasheet HTML 750Page - Renesas Technology Corp H8S2245 Datasheet HTML 751Page - Renesas Technology Corp H8S2245 Datasheet HTML 752Page - Renesas Technology Corp H8S2245 Datasheet HTML 753Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 749 / 818 page
background image
Appendix B Register Field
Rev.3.00 Mar. 26, 2007 Page 707 of 772
REJ09B0355-0300
TCSR—Timer Control/Status Register
H'FFBC (W) H'FFBC (R)
WDT
7
OVF
0
R/(W)*1
6
WT/
IT
0
R/W
5
TME
0
R/W
4
—
1
—
3
—
1
—
0
CKS0
0
R/W
2
CKS2
0
R/W
1
CKS1
0
R/W
0
[Clearing condition]
Cleared by reading TCSR when OVF = 1, then writing 0 to OVF*2
1
Overflow Flag
0
Interval timer mode: Sends the CPU an interval timer interrupt request
(WOVI) when TCNT overflows
Watchdog timer mode: Generates the WDTOVF signal when
TCNT overflows
1
Timer Mode Select
0
1
TCNT is initialized to H'00 and halted
TCNT counts
Timer Enable
Clock Select
CKS2 CKS1 CKS0
Clock
Overflow period*
(when
φ = 20 MHz)
0
1
0
1
0
1
0
1
0
1
0
1
0
1
φ/2 (initial value)
φ/64
φ/128
φ/512
φ/2048
φ/8192
φ/32768
φ/131072
25.6 µs
819.2 µs
1.6 ms
6.6 ms
26.2 ms
104.9 ms
419.4 ms
1.68 s
Notes: The method for writing to TCSR is different from that for general registers to prevent accidental overwriting.
For details see section 11.2.4, Notes on Register Access.
1. Can only be written with 0 for flag clearing.
2. When polling OVF with the interval timer interrupt disabled, read TSCR twice or more while OVF is set to 1.
Note: *
Bit
Initial value
Read/Write
:
:
:
The overflow period is the time from when TCNT
starts counting up from H'00 until overflow occurs.
[Setting condition]
Set when TCNT overflows from H'FF to H'00 in interval timer mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com