Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 752 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 752 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 748Page - Renesas Technology Corp H8S2245 Datasheet HTML 749Page - Renesas Technology Corp H8S2245 Datasheet HTML 750Page - Renesas Technology Corp H8S2245 Datasheet HTML 751Page - Renesas Technology Corp H8S2245 Datasheet HTML 752Page - Renesas Technology Corp H8S2245 Datasheet HTML 753Page - Renesas Technology Corp H8S2245 Datasheet HTML 754Page - Renesas Technology Corp H8S2245 Datasheet HTML 755Page - Renesas Technology Corp H8S2245 Datasheet HTML 756Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 752 / 818 page
background image
Appendix B Register Field
Rev.3.00 Mar. 26, 2007 Page 710 of 772
REJ09B0355-0300
TSTR—Timer Start Register
H'FFC0
TPU
7
—
0
—
6
—
0
—
5
—
0
—
4
—
0
—
3
—
0
—
0
CST0
0
R/W
2
CST2
0
R/W
1
CST1
0
R/W
Counter Start
0
1
TCNTn count operation is stopped
TCNTn performs count operation
Note:
Note: n = 2 to 0
If 0 is written to the CST bit during operation with the TIOC pin designated for output, the
counter stops but the TIOC pin output compare output level is retained. If TIOR is written to
when the CST bit is cleared to 0, the pin output level will be changed to the set initial output
value.
Bit
Initial value
Read/Write
:
:
:
TSYR—Timer Synchro Register
H'FFC1
TPU
7
—
0
—
6
—
0
—
5
—
0
—
4
—
0
—
3
—
0
—
0
SYNC0
0
R/W
2
SYNC2
0
R/W
1
SYNC1
0
R/W
Timer Synchronization
0
1
TCNTn operates independently (TCNT presetting/
clearing is unrelated to other channels)
Note: n = 2 to 0
Notes:
To set synchronous operation, the SYNC bits for at least two channels must
be set to 1.
To set synchronous clearing, in addition to the SYNC bit , the TCNT clearing
source must also be set by means of bits CCLR2 to CCLR0 in TCR.
1.
2.
Bit
Initial value
Read/Write
:
:
:
TCNTn performs synchronous operation
TCNT synchronous presetting/synchronous clearing
is possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com