Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 747 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 747 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 743Page - Renesas Technology Corp H8S2245 Datasheet HTML 744Page - Renesas Technology Corp H8S2245 Datasheet HTML 745Page - Renesas Technology Corp H8S2245 Datasheet HTML 746Page - Renesas Technology Corp H8S2245 Datasheet HTML 747Page - Renesas Technology Corp H8S2245 Datasheet HTML 748Page - Renesas Technology Corp H8S2245 Datasheet HTML 749Page - Renesas Technology Corp H8S2245 Datasheet HTML 750Page - Renesas Technology Corp H8S2245 Datasheet HTML 751Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 747 / 818 page
background image
Appendix B Register Field
Rev.3.00 Mar. 26, 2007 Page 705 of 772
REJ09B0355-0300
TCSR0—Timer Control/Status Register 0
H'FFB2
8-Bit Timer Channel 0
TCSR1—Timer Control/Status Register 1
H'FFB3
8-Bit Timer Channel 1
7
CMFB
0
R/(W)*1
6
CMFA
0
R/(W)*1
5
OVF
0
R/(W)*1
4
—
1
—
3
OS3
0
R/W
0
OS0
0
R/W
2
OS2
0
R/W
1
OS1
0
R/W
TCSR1
7
CMFB
0
R/(W)*1
6
CMFA
0
R/(W)*1
5
OVF
0
R/(W)*1
4
ADTE
0
R/W
3
OS3
0
R/W
0
OS0
0
R/W
2
OS2
0
R/W
1
OS1
0
R/W
TCSR0
Notes: 1. Only 0 can be written to bits 7 to 5, to clear these flags.
2. DTC can clear this bit only when DISEL is 0 with the transfer counter not being 0.
0
1
Compare Match Flag B
0
1
Compare Match Flag A
0
[Clearing condition]
Cleared by reading OVF when OVF = 1, then writing 0 to OVF
1
Timer Overflow Flag
0
1
A/D converter start requests by compare match A are disabled
A/D converter start requests by compare match A are enabled
A/D Trigger Enable (TCSR0 only)
0
1
No change when compare match B occurs
0 is output when compare match B occurs
1 is output when compare match B occurs
0
1
0
1
Output Select
0
No change when compare match A
occurs
0
Output Select
Output is inverted when compare
match A occurs (toggle output)
Bit
Initial value
Read/Write
:
:
:
Bit
Initial value
Read/Write
:
:
:
[Setting condition]
Set when TCNT overflows (changes from H'FF to H'00)
[Clearing conditions]
• Cleared by reading CMFA when CMFA = 1, then writing 0 to CMFA
• When the DTC*2 is activated by a CMIA interrupt, while DISEL bit of MRB in DTC is 0.
[Setting condition]
Set when TCNT matches TCORA
[Clearing conditions]
• Cleared by reading CMFB when CMFB = 1, then writing 0 to CMFB
• When the DTC*2 is activated by a CMIB interrupt, while DISEL bit of MRB in DTC is 0.
[Setting condition]
Set when TCNT matches TCORB
Output is inverted when compare match B occurs
(toggle output)
1 is output when compare match A
occurs
0 is output when compare match A
occurs
1
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com