Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 202Page - Renesas Technology Corp H8S2245 Datasheet HTML 203Page - Renesas Technology Corp H8S2245 Datasheet HTML 204Page - Renesas Technology Corp H8S2245 Datasheet HTML 205Page - Renesas Technology Corp H8S2245 Datasheet HTML 206Page - Renesas Technology Corp H8S2245 Datasheet HTML 207Page - Renesas Technology Corp H8S2245 Datasheet HTML 208Page - Renesas Technology Corp H8S2245 Datasheet HTML 209Page - Renesas Technology Corp H8S2245 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 818 page
background image
Section 6 Bus Controller
Rev.3.00 Mar. 26, 2007 Page 164 of 772
REJ09B0355-0300
6.5.5
Wait Control
When accessing external space, the H8S/2245 Group can extend the bus cycle by inserting one or
more wait states (T
w). There are two ways of inserting wait states: (1) program wait insertion and
(2) pin wait insertion using the
WAIT pin.
(1) Program Wait Insertion
From 0 to 3 wait states can be inserted automatically between the T
2 state and T3 state on an
individual area basis in 3-state access space, according to the settings of WCRH and WCRL.
(2) Pin Wait Insertion Using
WAIT
WAIT
WAIT
WAIT Pin
Setting the WAITE bit in BCRL to 1 enables wait insertion by means of the
WAIT pin. Program
wait insertion is first carried out according to the settings in WCRH and WCRL. Then, if the
WAIT pin is low at the falling edge of φ in the last T
2 or Tw state, a Tw state is inserted. If the
WAIT pin is held low, T
w states are inserted until it goes high.
This is useful when inserting four or more T
w states, or when changing the number of Tw states for
different external devices.
The WAITE bit setting applies to all areas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com