Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 204Page - Renesas Technology Corp H8S2245 Datasheet HTML 205Page - Renesas Technology Corp H8S2245 Datasheet HTML 206Page - Renesas Technology Corp H8S2245 Datasheet HTML 207Page - Renesas Technology Corp H8S2245 Datasheet HTML 208Page - Renesas Technology Corp H8S2245 Datasheet HTML 209Page - Renesas Technology Corp H8S2245 Datasheet HTML 210Page - Renesas Technology Corp H8S2245 Datasheet HTML 211Page - Renesas Technology Corp H8S2245 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 818 page
background image
Section 6 Bus Controller
Rev.3.00 Mar. 26, 2007 Page 166 of 772
REJ09B0355-0300
6.6
Burst ROM Interface
6.6.1
Overview
With the H8S/2245 Group, external space area 0 can be designated as burst ROM space, and burst
ROM interfacing can be performed. The burst ROM space interface enables 16-bit configuration
ROM with burst access capability to be accessed at high speed.
Area 0 can be designated as burst ROM space by means of the BRSTRM bit in BCRH.
Consecutive burst accesses of a maximum of 4 words or 8 words can be performed for CPU
instruction fetches only. One or two states can be selected for burst access.
6.6.2
Basic Timing
The number of states in the initial cycle (full access) of the burst ROM interface is in accordance
with the setting of the AST0 bit in ASTCR. Also, when the AST0 bit is set to 1, wait state
insertion is possible. One or two states can be selected for the burst cycle, according to the setting
of the BRSTS1 bit in BCRH. Wait states cannot be inserted. When area 0 is designated as burst
ROM space, it becomes 16-bit access space regardless of the setting of the ABW0 bit in ABWCR.
When the BRSTS0 bit in BCRH is cleared to 0, burst access of up to 4 words is performed; when
the BRSTS0 bit is set to 1, burst access of up to 8 words is performed.
The basic access timing for burst ROM space is shown in figures 6.19 (a) and (b). The timing
shown in figure 6.19 (a) is for the case where the AST0 and BRSTS1 bits are both set to 1, and
that in figure 6.19 (b) is for the case where both these bits are cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com