Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 207Page - Renesas Technology Corp H8S2245 Datasheet HTML 208Page - Renesas Technology Corp H8S2245 Datasheet HTML 209Page - Renesas Technology Corp H8S2245 Datasheet HTML 210Page - Renesas Technology Corp H8S2245 Datasheet HTML 211Page - Renesas Technology Corp H8S2245 Datasheet HTML 212Page - Renesas Technology Corp H8S2245 Datasheet HTML 213Page - Renesas Technology Corp H8S2245 Datasheet HTML 214Page - Renesas Technology Corp H8S2245 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 818 page
background image
Section 6 Bus Controller
Rev.3.00 Mar. 26, 2007 Page 169 of 772
REJ09B0355-0300
6.7
Idle Cycle
6.7.1
Operation
When the H8S/2245 Group accesses external space, it can insert a 1-state idle cycle (T
I) between
bus cycles in the following two cases: (1) when read accesses between different areas occur
consecutively, and (2) when a write cycle occurs immediately after a read cycle. By inserting an
idle cycle it is possible, for example, to avoid data collisions between ROM, with a long output
floating time, and high-speed memory, I/O interfaces, and so on.
(1) Consecutive Reads between Different Areas
If consecutive reads between different areas occur while the ICIS1 bit in BCRH is set to 1, an idle
cycle is inserted at the start of the second read cycle. This is enabled in advanced mode.
Figure 6.20 shows an example of the operation in this case. In this example, bus cycle A is a read
cycle from ROM with a long output floating time, and bus cycle B is a read cycle from SRAM,
each being located in a different area. In (a), an idle cycle is not inserted, and a collision occurs in
cycle B between the read data from ROM and that from SRAM. In (b), an idle cycle is inserted,
and a data collision is prevented.
T1
Address bus
φ
RD
Bus cycle A
Data bus
T2
T3
T1
T2
Bus cycle B
Bus cycle A
Bus cycle B
Long output
floating time
Data
collision
(a) Idle cycle not inserted
(ICIS1 = 0)
(b) Idle cycle inserted
(Initial value ICIS1 = 1)
T1
Address bus
φ
RD
Data bus
T2
T3
TI
T1
T2
CS (area A)
CS (area B)
CS (area A)
CS (area B)
Figure 6.20 Example of Idle Cycle Operation (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com