Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 211Page - Renesas Technology Corp H8S2245 Datasheet HTML 212Page - Renesas Technology Corp H8S2245 Datasheet HTML 213Page - Renesas Technology Corp H8S2245 Datasheet HTML 214Page - Renesas Technology Corp H8S2245 Datasheet HTML 215Page - Renesas Technology Corp H8S2245 Datasheet HTML 216Page - Renesas Technology Corp H8S2245 Datasheet HTML 217Page - Renesas Technology Corp H8S2245 Datasheet HTML 218Page - Renesas Technology Corp H8S2245 Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 818 page
background image
Section 6 Bus Controller
Rev.3.00 Mar. 26, 2007 Page 173 of 772
REJ09B0355-0300
If the BREQOE bit in BCRL is set to 1, when an internal bus master wants to make an external
access in the external bus released state, the
BREQO pin is driven low and a request can be made
off-chip to drop the bus request.
When the
BREQ pin is driven high, the BACK pin is driven high at the prescribed timing and the
external bus released state is terminated.
In the event of simultaneous external bus release request, and external access request generation,
the order of priority is as follows:
(High) External bus release > Internal bus master external access (Low)
6.8.3
Pin States in External Bus Released State
Table 6.6 shows pin states in the external bus released state.
Table 6.6
Pin States in Bus Released State
Pins
Pin State
A
23 to A0
High impedance
D
15 to D0
High impedance
CSn
High impedance
AS
High impedance
RD
High impedance
HWR
High impedance
LWR
High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com