Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 215Page - Renesas Technology Corp H8S2245 Datasheet HTML 216Page - Renesas Technology Corp H8S2245 Datasheet HTML 217Page - Renesas Technology Corp H8S2245 Datasheet HTML 218Page - Renesas Technology Corp H8S2245 Datasheet HTML 219Page - Renesas Technology Corp H8S2245 Datasheet HTML 220Page - Renesas Technology Corp H8S2245 Datasheet HTML 221Page - Renesas Technology Corp H8S2245 Datasheet HTML 222Page - Renesas Technology Corp H8S2245 Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 818 page
background image
Section 7 Data Transfer Controller
Rev.3.00 Mar. 26, 2007 Page 177 of 772
REJ09B0355-0300
Section 7 Data Transfer Controller
7.1
Overview
The H8S/2245 Group includes a data transfer controller (DTC). The DTC can be activated by an
interrupt or software, to transfer data.
7.1.1
Features
• Transfer possible over any number of channels
 Transfer information is stored in memory
 One activation source can trigger a number of data transfers (chain transfer)
• Wide range of transfer modes
 Normal, repeat, and block transfer modes available
 Incrementing, decrementing, and fixing of source and destination addresses can be selected
• Direct specification of 16-Mbyte address space possible
 24-bit transfer source and destination addresses can be specified
• Transfer can be set in byte or word units
• A CPU interrupt can be requested for the interrupt that activated the DTC
 An interrupt request can be issued to the CPU after one data transfer ends
 An interrupt request can be issued to the CPU after the specified data transfers have
completely ended
• Activation by software is possible
• Module stop mode can be set
 The initial setting enables DTC registers to be accessed. DTC operation is halted by setting
module stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com