Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 214Page - Renesas Technology Corp H8S2245 Datasheet HTML 215Page - Renesas Technology Corp H8S2245 Datasheet HTML 216Page - Renesas Technology Corp H8S2245 Datasheet HTML 217Page - Renesas Technology Corp H8S2245 Datasheet HTML 218Page - Renesas Technology Corp H8S2245 Datasheet HTML 219Page - Renesas Technology Corp H8S2245 Datasheet HTML 220Page - Renesas Technology Corp H8S2245 Datasheet HTML 221Page - Renesas Technology Corp H8S2245 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 818 page
background image
Section 6 Bus Controller
Rev.3.00 Mar. 26, 2007 Page 176 of 772
REJ09B0355-0300
6.9.3
Bus Transfer Timing
Even if a bus request is received from a bus master with a higher priority than that of the bus
master that has acquired the bus and is currently operating, the bus is not necessarily transferred
immediately. There are specific times at which each bus master can relinquish the bus.
CPU
The CPU is the lowest-priority bus master, and if a bus request is received from the DTC, the bus
arbiter transfers the bus to the bus master that issued the request. The timing for transfer of the bus
is as follows:
• The bus is transferred at a break between bus cycles. However, if a bus cycle is executed in
discrete operations, as in the case of a longword-size access, the bus is not transferred between
the operations.
• If the CPU is in sleep mode, it transfers the bus immediately.
DTC
The DTC sends the bus arbiter a request for the bus when an activation request is generated.
The DTC can release the bus after a vector read, a register information read (3 states), a single data
transfer, or a register information write (3 states). It does not release the bus during a register
information read (3 states), a single data transfer, or a register information write (3 states).
6.9.4
External Bus Release Usage Note
External bus release can be performed on completion of an external bus cycle. The
RD signal
remains low until the end of the external bus cycle. Therefore, when external bus release is
performed, the
RD signal may change from the low level to the high-impedance state.
6.10
Resets and the Bus Controller
In a power-on reset, the H8S/2245, including the bus controller, enters the reset state at that point,
and an executing bus cycle is discontinued.
In a manual reset, the bus controller's registers and internal state are maintained, and an executing
external bus cycle is completed. In this case,
WAIT input is ignored and write data is not
guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com