Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 213Page - Renesas Technology Corp H8S2245 Datasheet HTML 214Page - Renesas Technology Corp H8S2245 Datasheet HTML 215Page - Renesas Technology Corp H8S2245 Datasheet HTML 216Page - Renesas Technology Corp H8S2245 Datasheet HTML 217Page - Renesas Technology Corp H8S2245 Datasheet HTML 218Page - Renesas Technology Corp H8S2245 Datasheet HTML 219Page - Renesas Technology Corp H8S2245 Datasheet HTML 220Page - Renesas Technology Corp H8S2245 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 818 page
background image
Section 6 Bus Controller
Rev.3.00 Mar. 26, 2007 Page 175 of 772
REJ09B0355-0300
6.8.5
Usage Note
When MSTPCR has been set to H'FFFF or H'EFFF and a transition has been made to sleep mode,
the external bus release function is stopped. If the external bus release function is to be used in
sleep mode, H'FFFF or H'EFFF should not be set in MSTPCR.
6.9
Bus Arbitration
6.9.1
Overview
The H8S/2245 Group has a bus arbiter that arbitrates bus master operations.
There are two bus masters, the CPU and DTC, which perform read/write operations when they
have possession of the bus. Each bus master requests the bus by means of a bus request signal. The
bus arbiter determines priorities at the prescribed timing, and permits use of the bus by means of a
bus request acknowledge signal. The selected bus master then takes possession of the bus and
begins its operation.
6.9.2
Operation
The bus arbiter detects the bus masters' bus request signals, and if the bus is requested, sends a bus
request acknowledge signal to the bus master making the request. If there are bus requests from
more than one bus master, the bus request acknowledge signal is sent to the one with the highest
priority. When a bus master receives the bus request acknowledge signal, it takes possession of the
bus until that signal is canceled.
The order of priority of the bus masters is as follows:
(High)
DTC
>
CPU
(Low)
An internal bus access by an internal bus master, and external bus release, can be executed in
parallel.
In the event of simultaneous external bus release request, and internal bus master external access
request generation, the order of priority is as follows:
(High) External bus release > Internal bus master external access (Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com