Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 225Page - Renesas Technology Corp H8S2245 Datasheet HTML 226Page - Renesas Technology Corp H8S2245 Datasheet HTML 227Page - Renesas Technology Corp H8S2245 Datasheet HTML 228Page - Renesas Technology Corp H8S2245 Datasheet HTML 229Page - Renesas Technology Corp H8S2245 Datasheet HTML 230Page - Renesas Technology Corp H8S2245 Datasheet HTML 231Page - Renesas Technology Corp H8S2245 Datasheet HTML 232Page - Renesas Technology Corp H8S2245 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 818 page
background image
Section 7 Data Transfer Controller
Rev.3.00 Mar. 26, 2007 Page 187 of 772
REJ09B0355-0300
7.2.9
Module Stop Control Register (MSTPCR)
15
0
R/W
Bit
Initial value
R/W
:
:
:
14
0
R/W
13
1
R/W
12
1
R/W
11
1
R/W
10
1
R/W
9
1
R/W
8
1
R/W
7
1
R/W
6
1
R/W
5
1
R/W
4
1
R/W
3
1
R/W
2
1
R/W
1
1
R/W
0
1
R/W
MSTPCRH
MSTPCRL
MSTPCR is a 16-bit readable/writable register that performs module stop mode control.
When the MSTP14 bit in MSTPCR is set to 1, the DTC operation stops at the end of the bus cycle
and a transition is made to module stop mode. However, 1 cannot be written in the MSTP14 bit
while the DTC is operating. For details, see section 18.5, Module Stop Mode.
MSTPCR is initialized to H'3FFF by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bit 14—Module Stop (MSTP14): Specifies the DTC module stop mode.
Bit 14
MSTP14
Description
0
DTC module stop mode cleared
(Initial value)
1
DTC module stop mode set
7.3
Operation
7.3.1
Overview
When activated, the DTC reads register information that is already stored in memory and transfers
data on the basis of that register information. After the data transfer, it writes updated register
information back to memory. Pre-storage of register information in memory makes it possible to
transfer data over any required number of channels. Setting the CHNE bit to 1 makes it possible to
perform a number of transfers with a single activation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com