Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 228Page - Renesas Technology Corp H8S2245 Datasheet HTML 229Page - Renesas Technology Corp H8S2245 Datasheet HTML 230Page - Renesas Technology Corp H8S2245 Datasheet HTML 231Page - Renesas Technology Corp H8S2245 Datasheet HTML 232Page - Renesas Technology Corp H8S2245 Datasheet HTML 233Page - Renesas Technology Corp H8S2245 Datasheet HTML 234Page - Renesas Technology Corp H8S2245 Datasheet HTML 235Page - Renesas Technology Corp H8S2245 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 818 page
background image
Section 7 Data Transfer Controller
Rev.3.00 Mar. 26, 2007 Page 190 of 772
REJ09B0355-0300
DTCER clearance. The activation source flag, in the case of RXI0, for example, is the RDRF flag
of SCI0. As there are a number of activation sources, the activation source flag is not cleared with
the last byte (or word) transfer. Take appropriate measures at each interrupt.
Table 7.3
Activation Source and DTCER Clearance
Activation Source
When the DISEL Bit Is 0 and
the Specified Number of
Transfers Have Not Ended
When the DISEL Bit Is 1, or when
the Specified Number of Transfers
Have Ended
Software activation
The SWDTE bit is cleared to 0
The SWDTE bit remains set to 1
An interrupt request is issued to the CPU
Interrupt activation
The corresponding DTCER bit
remains set to 1
The activation source flag is
cleared to 0
The corresponding DTCER bit is cleared
to 0
The activation source flag remains set to 1
A request is issued to the CPU for the
activation source interrupt
Figure 7.3 shows a block diagram of activation source control. For details see section 5, Interrupt
Controller.
On-chip
supporting
module
IRQ interrupt
DTVECR
Interrupt controller
CPU
DTC
DTCER
Clear
controller
Select
Interrupt
request
Source flag cleared
Clear
Clear request
Interrupt mask
Figure 7.3 Block Diagram of DTC Activation Source Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com