Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 234 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 234 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 230Page - Renesas Technology Corp H8S2245 Datasheet HTML 231Page - Renesas Technology Corp H8S2245 Datasheet HTML 232Page - Renesas Technology Corp H8S2245 Datasheet HTML 233Page - Renesas Technology Corp H8S2245 Datasheet HTML 234Page - Renesas Technology Corp H8S2245 Datasheet HTML 235Page - Renesas Technology Corp H8S2245 Datasheet HTML 236Page - Renesas Technology Corp H8S2245 Datasheet HTML 237Page - Renesas Technology Corp H8S2245 Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 818 page
background image
Section 7 Data Transfer Controller
Rev.3.00 Mar. 26, 2007 Page 192 of 772
REJ09B0355-0300
Table 7.4
Interrupt Sources, DTC Vector Addresses, and Corresponding DTCEs
Interrupt Source
Origin of
Interrupt
Source
Vector
Number
Vector
Address
DTCE*
Priority
Write to DTVECR
Software
DTVECR
H'0400 +
DTVECR
[6:0] << 1
—
High
IRQ0
External pin
16
H'0420
DTCEA7
IRQ1
17
H'0422
DTCEA6
IRQ2
18
H'0424
DTCEA5
IRQ3
19
H'0426
DTCEA4
IRQ4
20
H'0428
DTCEA3
IRQ5
21
H'042A
DTCEA2
IRQ6
22
H'042C
DTCEA1
IRQ7
23
H'042E
DTCEA0
ADI (A/D conversion end)
A/D
28
H'0438
DTCEB6
TGI0A (GR0A compare match/
input capture)
TPU
channel 0
32
H'0440
DTCEB5
TGI0B (GR0B compare match/
input capture)
33
H'0442
DTCEB4
TGI0C (GR0C compare match/
input capture)
34
H'0444
DTCEB3
TGI0D (GR0D compare match/
input capture)
35
H'0446
DTCEB2
TGI1A (GR1A compare match/
input capture)
TPU
channel 1
40
H'0450
DTCEB1
TGI1B (GR1B compare match/
input capture)
41
H'0452
DTCEB0
TGI2A (GR2A compare match/
input capture)
TPU
channel 2
44
H'0458
DTCEC7
TGI2B (GR2B compare match/
input capture)
45
H'045A
DTCEC6
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com