Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 290Page - Renesas Technology Corp H8S2245 Datasheet HTML 291Page - Renesas Technology Corp H8S2245 Datasheet HTML 292Page - Renesas Technology Corp H8S2245 Datasheet HTML 293Page - Renesas Technology Corp H8S2245 Datasheet HTML 294Page - Renesas Technology Corp H8S2245 Datasheet HTML 295Page - Renesas Technology Corp H8S2245 Datasheet HTML 296Page - Renesas Technology Corp H8S2245 Datasheet HTML 297Page - Renesas Technology Corp H8S2245 Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 252 of 772
REJ09B0355-0300
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
Port B
(I/O)
(I/O)
(I/O)
(I/O)
(I/O)
(I/O)
(I/O)
(I/O)
Figure 8.13 Port B Pin Functions (Modes 3 and 7)
8.8.4
MOS Input Pull-Up Function
Port B has a built-in MOS input pull-up function that can be controlled by software. This MOS
input pull-up function can be used in modes 2, 3, 6, and 7, and can be specified as on or off on an
individual bit basis.
When a PBDDR bit is cleared to 0 in mode 2, 3, 6, or 7, setting the corresponding PBPCR bit to 1
turns on the MOS input pull-up for that pin.
The MOS input pull-up function is in the off state after a power-on reset, and in hardware standby
mode. The prior state is retained after a manual reset, and in software standby mode.
Note:
Modes 2, 3, 6, and 7 cannot be used in the H8S/2240.
Table 8.14 summarizes the MOS input pull-up states.
Table 8.14
MOS Input Pull-Up States (Port B)
Modes
Power-On
Reset
Hardware
Standby Mode
Manual
Reset
Software
Standby Mode
In Other
Operations
1, 4, 5
OFF
OFF
OFF
OFF
OFF
2, 3, 6, 7
ON/OFF
ON/OFF
ON/OFF
Legend:
OFF:
MOS input pull-up is always off.
ON/OFF: On when PBDDR = 0 and PBPCR = 1; otherwise off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com