Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 289Page - Renesas Technology Corp H8S2245 Datasheet HTML 290Page - Renesas Technology Corp H8S2245 Datasheet HTML 291Page - Renesas Technology Corp H8S2245 Datasheet HTML 292Page - Renesas Technology Corp H8S2245 Datasheet HTML 293Page - Renesas Technology Corp H8S2245 Datasheet HTML 294Page - Renesas Technology Corp H8S2245 Datasheet HTML 295Page - Renesas Technology Corp H8S2245 Datasheet HTML 296Page - Renesas Technology Corp H8S2245 Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 251 of 772
REJ09B0355-0300
Modes 2 and 6
In modes 2 and 6, port B pins function as address outputs or input ports. Input or output can be
specified on an individual bit basis. Setting a PBDDR bit to 1 makes the corresponding port B pin
an address output, while clearing the bit to 0 makes the pin an input port.
Note:
Modes 2 and 6 cannot be used in the H8S/2240.
Port B pin functions in modes 2 and 6 are shown in figure 8.12.
A15
A14
A13
A12
A11
A10
A9
A8
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
(input)
(input)
(input)
(input)
(input)
(input)
(input)
(input)
When PBDDR = 1
When PBDDR = 0
(output)
(output)
(output)
(output)
(output)
(output)
(output)
(output)
Port B
Figure 8.12 Port B Pin Functions (Modes 2 and 6)
Modes 3 and 7
In modes 3 and 7, port B pins function as I/O ports. Input or output can be specified for each pin
on an individual bit basis. Setting a PBDDR bit to 1 makes the corresponding port B pin an output
port, while clearing the bit to 0 makes the pin an input port.
Note:
Modes 3 and 7 cannot be used in the H8S/2240.
Port B pin functions in modes 3 and 7 are shown in figure 8.13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com