Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 289 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 285Page - Renesas Technology Corp H8S2245 Datasheet HTML 286Page - Renesas Technology Corp H8S2245 Datasheet HTML 287Page - Renesas Technology Corp H8S2245 Datasheet HTML 288Page - Renesas Technology Corp H8S2245 Datasheet HTML 289Page - Renesas Technology Corp H8S2245 Datasheet HTML 290Page - Renesas Technology Corp H8S2245 Datasheet HTML 291Page - Renesas Technology Corp H8S2245 Datasheet HTML 292Page - Renesas Technology Corp H8S2245 Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 247 of 772
REJ09B0355-0300
8.8
Port B
8.8.1
Overview
Port B is an 8-bit I/O port. Port B has an address bus output function, and the pin functions change
according to the operating mode.
Port B has a built-in MOS input pull-up function that can be controlled by software.
Figure 8.10 shows the port B pin configuration.
PB7/A15
PB6/A14
PB5/A13
PB4/A12
PB3/A11
PB2/A10
PB1/A9
PB0/A8
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
Note: * Modes 2, 3, 6, and 7 cannot be used in the H8S/2240.
(input)/
(input)/
(input)/
(input)/
(input)/
(input)/
(input)/
(input)/
A15
A14
A13
A12
A11
A10
A9
A8
(output)
(output)
(output)
(output)
(output)
(output)
(output)
(output)
Port B pins
Pin functions in modes 2 and 6*
Pin functions in modes 3 and 7*
A15
A14
A13
A12
A11
A10
A9
A8
(output)
(output)
(output)
(output)
(output)
(output)
(output)
(output)
Pin functions in modes 1, 4, and 5
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
(I/O)
(I/O)
(I/O)
(I/O)
(I/O)
(I/O)
(I/O)
(I/O)
Port B
Figure 8.10 Port B Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com