Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 286 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 286 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 282Page - Renesas Technology Corp H8S2245 Datasheet HTML 283Page - Renesas Technology Corp H8S2245 Datasheet HTML 284Page - Renesas Technology Corp H8S2245 Datasheet HTML 285Page - Renesas Technology Corp H8S2245 Datasheet HTML 286Page - Renesas Technology Corp H8S2245 Datasheet HTML 287Page - Renesas Technology Corp H8S2245 Datasheet HTML 288Page - Renesas Technology Corp H8S2245 Datasheet HTML 289Page - Renesas Technology Corp H8S2245 Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 244 of 772
REJ09B0355-0300
8.7.3
Pin Functions
Modes 1, 2, 3 and 7
In mode 1, 2, 3, and 7, port A pins function as I/O ports. Input or output can be specified for each
pin on an individual bit basis. Setting a PADDR bit to 1 makes the corresponding port A pin an
output port, while clearing the bit to 0 makes the pin an input port.
Note:
Modes 2, 3, and 7 cannot be used in the H8S/2240.
Port A pin functions in modes 1, 2, 3, and 7 are shown in figure 8.7.
PA3
PA2
PA1
PA0
(I/O)
(I/O)
(I/O)
(I/O)
Port A
Figure 8.7 Port A Pin Functions (Modes 1, 2, 3, and 7)
Modes 4 and 5
In modes 4 and 5, the lower 4 bits of port A are designated as address outputs automatically.
Port A pin functions in modes 4 and 5 are shown in figure 8.8.
A19
A18
A17
A16
(output)
(output)
(output)
(output)
Port A
Figure 8.8 Port A Pin Functions (Modes 4 and 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com