Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 279Page - Renesas Technology Corp H8S2245 Datasheet HTML 280Page - Renesas Technology Corp H8S2245 Datasheet HTML 281Page - Renesas Technology Corp H8S2245 Datasheet HTML 282Page - Renesas Technology Corp H8S2245 Datasheet HTML 283Page - Renesas Technology Corp H8S2245 Datasheet HTML 284Page - Renesas Technology Corp H8S2245 Datasheet HTML 285Page - Renesas Technology Corp H8S2245 Datasheet HTML 286Page - Renesas Technology Corp H8S2245 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 241 of 772
REJ09B0355-0300
Table 8.11
Port A Registers
Name
Abbreviation
R/W
Initial Value*
1
Address*
2
Port A data direction register
PADDR
W
H'0
H'FEB9
Port A data register
PADR
R/W
H'0
H'FF69
Port A register
PORTA
R
Undefined
H'FF59
Port A MOS pull-up control register
PAPCR
R/W
H'0
H'FF70
Port A open-drain control register
PAODR
R/W
H'0
H'FF77
Notes: 1. Value of bits 3 to 0.
2. Lower 16 bits of the address.
Port A Data Direction Register (PADDR)
7
—
Undefined
—
6
—
Undefined
—
5
—
Undefined
—
4
—
Undefined
—
3
PA3DDR
0
W
0
PA0DDR
0
W
2
PA2DDR
0
W
1
PA1DDR
0
W
Bit
Initial value
R/W
:
:
:
PADDR is an 8-bit write-only register, the individual bits of which specify input or output for the
pins of port A. Bits 7 to 4 are reserved. PADDR cannot be read; if it is, an undefined value will be
read. PADDR cannot be modified.
This register is a write-only register, and cannot be written by bit manipulation instruction. For
details, see section 2.10.4, Access Methods for Registers with Write-Only Bits.
PADDR is initialized to H'0 (bits 3 to 0) by a power-on reset and in hardware standby mode. It
retains its prior state after a manual reset, and in software standby mode. The OPE bit in SBYCR
is used to select whether the address output pins retain their output state or become high-
impedance when a transition is made to software standby mode.
• Modes 1, 2, 3, and 7
Setting a PADDR bit to 1 makes the corresponding port A pin an output port, while clearing
the bit to 0 makes the pin an input port.
Note:
Modes 2, 3, and 7 cannot be used in the H8S/2240.
• Modes 4 and 5
The corresponding port A pins are address outputs irrespective of the value of bits PA3DDR to
PA0DDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com