Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 277Page - Renesas Technology Corp H8S2245 Datasheet HTML 278Page - Renesas Technology Corp H8S2245 Datasheet HTML 279Page - Renesas Technology Corp H8S2245 Datasheet HTML 280Page - Renesas Technology Corp H8S2245 Datasheet HTML 281Page - Renesas Technology Corp H8S2245 Datasheet HTML 282Page - Renesas Technology Corp H8S2245 Datasheet HTML 283Page - Renesas Technology Corp H8S2245 Datasheet HTML 284Page - Renesas Technology Corp H8S2245 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 239 of 772
REJ09B0355-0300
8.6.3
Pin Functions
Port 5 pins also function as SCI I/O pins (TxD2, RxD2, and SCK2). Port 5 pin functions are
shown in table 8.10.
Table 8.10
Port 5 Pin Functions
Pin
Selection Method and Pin Functions
P5
3
The pin function is switched as shown below according to bit P53DDR.
P53DDR
0
1
Pin function
P5
3 input pin
P5
3 output pin
P5
2/SCK2
The pin function is switched as shown below according to the combination of
bit C/
A in the SCI2 SMR, bits CKE0 and CKE1 in SCR, and bit P52DDR.
CKE1
0
1
C/
A
01
—
CKE0
0
1
——
P52DDR
0
1
——
—
Pin function
P5
2
input pin
P5
2
output pin
SCK2
output pin
SCK2
output pin
SCK2
input pin
P5
1/RxD2
The pin function is switched as shown below according to the combination of
bit RE in the SCI2 SCR, and bit P51DDR.
RE
0
1
P51DDR
0
1
—
Pin function
P5
1 input pin
P5
1 output pin
RxD2 input pin
P5
0/TxD2
The pin function is switched as shown below according to the combination of
bit TE in the SCI2 SCR, and bit P50DDR.
TE
0
1
P50DDR
0
1
—
Pin function
P5
0 input pin
P5
0 output pin
TxD2 output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com