Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 276Page - Renesas Technology Corp H8S2245 Datasheet HTML 277Page - Renesas Technology Corp H8S2245 Datasheet HTML 278Page - Renesas Technology Corp H8S2245 Datasheet HTML 279Page - Renesas Technology Corp H8S2245 Datasheet HTML 280Page - Renesas Technology Corp H8S2245 Datasheet HTML 281Page - Renesas Technology Corp H8S2245 Datasheet HTML 282Page - Renesas Technology Corp H8S2245 Datasheet HTML 283Page - Renesas Technology Corp H8S2245 Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 238 of 772
REJ09B0355-0300
Port 5 Register (PORT5)
7
—
Undefined
—
6
—
Undefined
—
5
—
Undefined
—
4
—
Undefined
—
3
P53
—*
R
0
P50
—*
R
2
P52
—*
R
1
P51
—*
R
Bit
Initial value
R/W
:
:
:
Note: * Determined by state of pins P53 to P50.
PORT5 is an 8-bit read-only register that shows the pin states. It cannot be written to. Writing of
output data for the port 5 pins (P5
3 to P50) must always be performed on P5DR.
Bits 7 to 4 are reserved; they return an undetermined value if read, and cannot be modified.
If a port 5 read is performed while P5DDR bits are set to 1, the P5DR values are read. If a port 5
read is performed while P5DDR bits are cleared to 0, the pin states are read.
After a power-on reset and in hardware standby mode, PORT5 contents are determined by the pin
states, as P5DDR and P5DR are initialized. PORT5 retains its prior state after a manual reset, and
in software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com