Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 272Page - Renesas Technology Corp H8S2245 Datasheet HTML 273Page - Renesas Technology Corp H8S2245 Datasheet HTML 274Page - Renesas Technology Corp H8S2245 Datasheet HTML 275Page - Renesas Technology Corp H8S2245 Datasheet HTML 276Page - Renesas Technology Corp H8S2245 Datasheet HTML 277Page - Renesas Technology Corp H8S2245 Datasheet HTML 278Page - Renesas Technology Corp H8S2245 Datasheet HTML 279Page - Renesas Technology Corp H8S2245 Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 234 of 772
REJ09B0355-0300
8.5
Port 4
8.5.1
Overview
Port 4 is an 8-bit input-only port. Port 4 pins also function as A/D converter analog input pins
(AN0 to AN3). Port 4 pin functions are the same in all operating modes. Figure 8.4 shows the port
4 pin configuration.
P43
P42
P41
P40
(input)/
(input)/
(input)/
(input)/
AN3
AN2
AN1
AN0
(input)
(input)
(input)
(input)
Port 4 pins
Port 4
Figure 8.4 Port 4 Pin Functions
8.5.2
Register Configuration
Table 8.8 shows the port 4 register configuration. Port 4 is an input-only port, and does not have a
data direction register or data register.
Table 8.8
Port 4 Registers
Name
Abbreviation
R/W
Initial Value
Address*
Port 4 register
PORT4
R
Undefined
H'FF53
Note:
*
Lower 16 bits of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com