Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 275 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 275 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 271Page - Renesas Technology Corp H8S2245 Datasheet HTML 272Page - Renesas Technology Corp H8S2245 Datasheet HTML 273Page - Renesas Technology Corp H8S2245 Datasheet HTML 274Page - Renesas Technology Corp H8S2245 Datasheet HTML 275Page - Renesas Technology Corp H8S2245 Datasheet HTML 276Page - Renesas Technology Corp H8S2245 Datasheet HTML 277Page - Renesas Technology Corp H8S2245 Datasheet HTML 278Page - Renesas Technology Corp H8S2245 Datasheet HTML 279Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 233 of 772
REJ09B0355-0300
Pin
Selection Method and Pin Functions
P3
3/RxD1
The pin function is switched as shown below according to the combination of
bit RE in the SCI1 SCR, and bit P33DDR.
RE
0
1
P33DDR
0
1
—
Pin function
P3
3 input pin
P3
3 output pin*
RxD1 input pin
Note:
*
When P33ODR = 1, the pin becomes an NMOS open drain output.
P3
2/RxD0
The pin function is switched as shown below according to the combination of
bit RE in the SCI0 SCR, and bit P32DDR.
RE
0
1
P32DDR
0
1
—
Pin function
P3
2 input pin
P3
2 output pin*
RxD0 input pin
Note:
*
When P32ODR = 1, the pin becomes an NMOS open drain output.
P3
1/TxD1
The pin function is switched as shown below according to the combination of
bit TE in the SCI1 SCR, and bit P31DDR.
TE
0
1
P31DDR
0
1
—
Pin function
P3
1 input pin
P3
1 output pin*
TxD1 output pin*
Note:
*
When P31ODR = 1, the pin becomes an NMOS open drain output.
P3
0/TxD0
The pin function is switched as shown below according to the combination of
bit TE in the SCI0 SCR, and bit P30DDR.
TE
0
1
P30DDR
0
1
—
Pin function
P3
0 input pin
P3
0 output pin*
TxD0 output pin*
Note:
*
When P30ODR = 1, the pin becomes an NMOS open drain output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com