Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 267Page - Renesas Technology Corp H8S2245 Datasheet HTML 268Page - Renesas Technology Corp H8S2245 Datasheet HTML 269Page - Renesas Technology Corp H8S2245 Datasheet HTML 270Page - Renesas Technology Corp H8S2245 Datasheet HTML 271Page - Renesas Technology Corp H8S2245 Datasheet HTML 272Page - Renesas Technology Corp H8S2245 Datasheet HTML 273Page - Renesas Technology Corp H8S2245 Datasheet HTML 274Page - Renesas Technology Corp H8S2245 Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 229 of 772
REJ09B0355-0300
8.4
Port 3
8.4.1
Overview
Port 3 is a 6-bit I/O port. Port 3 pins also function as SCI I/O pins (TxD0, RxD0, SCK0, TxD1,
RxD1, and SCK1) and interrupt input pins (
IRQ4, IRQ5). Port 3 pin functions are the same in all
operating modes. The interrupt input pins (
IRQ4, IRQ5) are Schmitt-triggered inputs.
Figure 8.3 shows the port 3 pin configuration.
P35
P34
P33
P32
P31
P30
(I/O)/
(I/O)/
(I/O)/
(I/O)/
(I/O)/
(I/O)/
SCK1
SCK0
RxD1
RxD0
TxD1
TxD0
(I/O)/
(I/O)/
(input)
(input)
(output)
(output)
Port 3 pins
Port 3
IRQ5 (input)
IRQ4 (input)
Figure 8.3 Port 3 Pin Functions
8.4.2
Register Configuration
Table 8.6 shows the port 3 register configuration.
Table 8.6
Port 3 Registers
Name
Abbreviation
R/W
Initial Value*
1
Address*
2
Port 3 data direction register
P3DDR
W
H'00
H'FEB2
Port 3 data register
P3DR
R/W
H'00
H'FF62
Port 3 register
PORT3
R
Undefined
H'FF52
Port 3 open drain control register
P3ODR
R/W
H'00
H'FF76
Notes: 1. Value of bits 5 to 0.
2. Lower 16 bits of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com