Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 263Page - Renesas Technology Corp H8S2245 Datasheet HTML 264Page - Renesas Technology Corp H8S2245 Datasheet HTML 265Page - Renesas Technology Corp H8S2245 Datasheet HTML 266Page - Renesas Technology Corp H8S2245 Datasheet HTML 267Page - Renesas Technology Corp H8S2245 Datasheet HTML 268Page - Renesas Technology Corp H8S2245 Datasheet HTML 269Page - Renesas Technology Corp H8S2245 Datasheet HTML 270Page - Renesas Technology Corp H8S2245 Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 225 of 772
REJ09B0355-0300
Port 2 Data Direction Register (P2DDR)
7
P27DDR
0
W
6
P26DDR
0
W
5
P25DDR
0
W
4
P24DDR
0
W
3
P23DDR
0
W
0
P20DDR
0
W
2
P22DDR
0
W
1
P21DDR
0
W
Bit
Initial value
R/W
:
:
:
P2DDR is an 8-bit write-only register, the individual bits of which specify input or output for the
pins of port 2. P2DDR cannot be read; if it is, an undefined value will be read.
Setting a P2DDR bit to 1 makes the corresponding port 2 pin an output pin, while clearing the bit
to 0 makes the pin an input pin.
This register is a write-only register, and cannot be written by bit manipulation instruction. For
details, see section 2.10.4, Access Methods for Registers with Write-Only Bits.
P2DDR is initialized to H'00 by a power-on reset, and in hardware standby mode. It retains its
prior state after a manual reset, and in software standby mode. As the 8-bit timer is initialized by a
manual reset, the pin states are determined by the P2DDR and P2DR specifications.
Port 2 Data Register (P2DR)
7
P27DR
0
R/W
6
P26DR
0
R/W
5
P25DR
0
R/W
4
P24DR
0
R/W
3
P23DR
0
R/W
0
P20DR
0
R/W
2
P22DR
0
R/W
1
P21DR
0
R/W
Bit
Initial value
R/W
:
:
:
P2DR is an 8-bit readable/writable register that stores output data for the port 2 pins (P2
7 to P20).
P2DR is initialized to H'00 by a power-on reset, and in hardware standby mode. It retains its prior
state after a manual reset, and in software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com