Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 259Page - Renesas Technology Corp H8S2245 Datasheet HTML 260Page - Renesas Technology Corp H8S2245 Datasheet HTML 261Page - Renesas Technology Corp H8S2245 Datasheet HTML 262Page - Renesas Technology Corp H8S2245 Datasheet HTML 263Page - Renesas Technology Corp H8S2245 Datasheet HTML 264Page - Renesas Technology Corp H8S2245 Datasheet HTML 265Page - Renesas Technology Corp H8S2245 Datasheet HTML 266Page - Renesas Technology Corp H8S2245 Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 221 of 772
REJ09B0355-0300
Pin
Selection Method and Pin Functions
P1
2/TIOCC0/
TCLKA/A
22
The pin function is switched as shown below according to the combination of
the operating mode, TPU channel 0 setting (by bits MD3 to MD0 in TMDR0,
bits IOC3 to IOC0 in TIOR0L, and bits CCLR2 to CCLR0 in TCR0), bits TPSC2
to TPSC0 in TCR0 to TCR2, and bit P12DDR.
Operating
Mode
Modes 1, 2, 3, 7*
1
Modes 4, 5, 6*
1
TPU Channel
0 Setting
Table
Below (1)
Table
Below (2)
Table
Below (1)
Table
Below (2)
P12DDR
—
01
0
1
0
1
Pin function
TIOCC0
output
P1
2
input
P1
2
output
TIOCC0
output
A
22
output
P1
2
input
A
22
output
TIOCC0
input*
2
TIOCC0
input*
2
TCLKA input*
3
Notes: 1. Modes 2, 3, 6, and 7 cannot be used in the H8S/2240.
2. TIOCC0 input when input capture is set (IOC3 to IOC0 = B'10xx) in
normal operating mode (MD3 to MD0 = B'0000).
3. TCLKA input when the TCR0, TCR1, or TCR2 setting is: TPSC2 to
TPSC0 = B'100.
TCLKA input when channel 1 is set to phase counting mode (MD3
to MD0 = B'01xx).
TPU Channel
0 Setting
(2)
(1)
(2)
(1)
(1)
(2)
MD3 to MD0
B'0000
B'001x
B'0010
B'0011
IOC3 to IOC0
B'0000
B'0100
B'1xxx
B'0001 to
B'0011
B'0101 to
B'0111
B'xx00
Other than B'xx00
CCLR2 to
CCLR0
————
Other
than
B'101
B'101
Output
function
—
Output
compare
output
—
PWM
mode 1
output*
4
PWM
mode 2
output
—
Legend: x: Don't care
Note:
4. TIOCD0 output is disabled.
When BFA = 1 or BFB = 1 in TMDR0, output is disabled and
setting (2) applies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com