Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 262Page - Renesas Technology Corp H8S2245 Datasheet HTML 263Page - Renesas Technology Corp H8S2245 Datasheet HTML 264Page - Renesas Technology Corp H8S2245 Datasheet HTML 265Page - Renesas Technology Corp H8S2245 Datasheet HTML 266Page - Renesas Technology Corp H8S2245 Datasheet HTML 267Page - Renesas Technology Corp H8S2245 Datasheet HTML 268Page - Renesas Technology Corp H8S2245 Datasheet HTML 269Page - Renesas Technology Corp H8S2245 Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 224 of 772
REJ09B0355-0300
8.3
Port 2
8.3.1
Overview
Port 2 is an 8-bit I/O port. Port 2 pins also function as 8-bit timer I/O pins (TMRI0, TMCI0,
TMO0, TMRI1, TMCI1, and TMO1). Port 2 pin functions are the same in all operating modes.
Port 2 uses Schmitt-triggered input.
Figure 8.2 shows the port 2 pin configuration.
P27
P26
P25
P24
P23
P22
P21
P20
Port 2
TMO1
TMO0
TMCI1
TMRI1
TMCI0
TMRI0
Port 2 pins
(I/O)/
(I/O)/
(I/O)/
(I/O)/
(I/O)/
(I/O)/
(I/O)
(I/O)
(output)
(output)
(input)
(input)
(input)
(input)
Figure 8.2 Port 2 Pin Functions
8.3.2
Register Configuration
Table 8.4 shows the port 2 register configuration.
Table 8.4
Port 2 Registers
Name
Abbreviation
R/W
Initial Value
Address*
Port 2 data direction register
P2DDR
W
H'00
H'FEB1
Port 2 data register
P2DR
R/W
H'00
H'FF61
Port 2 register
PORT2
R
Undefined
H'FF51
Note:
*
Lower 16 bits of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com