Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 260Page - Renesas Technology Corp H8S2245 Datasheet HTML 261Page - Renesas Technology Corp H8S2245 Datasheet HTML 262Page - Renesas Technology Corp H8S2245 Datasheet HTML 263Page - Renesas Technology Corp H8S2245 Datasheet HTML 264Page - Renesas Technology Corp H8S2245 Datasheet HTML 265Page - Renesas Technology Corp H8S2245 Datasheet HTML 266Page - Renesas Technology Corp H8S2245 Datasheet HTML 267Page - Renesas Technology Corp H8S2245 Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 222 of 772
REJ09B0355-0300
Pin
Selection Method and Pin Functions
P1
1/TIOCB0/
A
21
The pin function is switched as shown below according to the combination of
the operating mode, TPU channel 0 setting (by bits MD3 to MD0 in TMDR0,
bits IOB3 to IOB0 in TIOR0H, and bits CCLR2 to CCLR0 in TCR0), and bit
P11DDR.
Operating
Mode
Modes 1, 2, 3, 7*
1
Modes 4, 5, 6*
1
TPU Channel
0 Setting
Table
Below (1)
Table
Below (2)
Table
Below (1)
Table
Below (2)
P11DDR
—
01
0
1
0
1
Pin function
TIOCB0
output
P1
1
input
P1
1
output
TIOCB0
output
A
21
output
P1
1
input
A
21
output
TIOCB0
input*
2
TIOCB0
input*
2
Notes: 1. Modes 2, 3, 6, and 7 cannot be used in the H8S/2240.
2. TIOCB0 input when input capture is set (IOB3 to IOB0 = B'10xx) in
normal operating mode (MD3 to MD0 = B'0000).
TPU Channel
0 Setting
(2)
(1)
(2)
(2)
(1)
(2)
MD3 to MD0
B'0000
B'0010
B'0011
IOB3 to IOB0
B'0000
B'0100
B'1xxx
B'0001 to
B'0011
B'0101 to
B'0111
—
B'xx00
Other than B'xx00
CCLR2 to
CCLR0
—
———
Other
than
B'010
B'010
Output
function
—
Output
compare
output
——
PWM
mode 2
output
—
Legend: x: Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com