Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 265Page - Renesas Technology Corp H8S2245 Datasheet HTML 266Page - Renesas Technology Corp H8S2245 Datasheet HTML 267Page - Renesas Technology Corp H8S2245 Datasheet HTML 268Page - Renesas Technology Corp H8S2245 Datasheet HTML 269Page - Renesas Technology Corp H8S2245 Datasheet HTML 270Page - Renesas Technology Corp H8S2245 Datasheet HTML 271Page - Renesas Technology Corp H8S2245 Datasheet HTML 272Page - Renesas Technology Corp H8S2245 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 227 of 772
REJ09B0355-0300
8.3.3
Pin Functions
Port 2 pins also function as 8-bit timer I/O pins (TMRI0, TMCI0, TMO0, TMRI1, TMCI1, and
TMO1). Port 2 pin functions are shown in table 8.5.
Table 8.5
Port 2 Pin Functions
Pin
Selection Method and Pin Functions
P2
7/TMO1
The pin function is switched as shown below according to the combination of
the bits OS3 to OS0 in TCSR1 of the 8-bit timer, and bit P27DDR.
OS3 to OS0
All 0
Any 1
P27DDR
0
1
—
Pin function
P2
7 input
P2
7 output
TMO1 output
P2
6/TMO0
The pin function is switched as shown below according to the combination of
bits OS3 to OS0 in TCSR0, and bit P26DDR.
OS3 to OS0
All 0
Any 1
P26DDR
0
1
—
Pin function
P2
6 input
P2
6 output
TMO0 output
P2
5/TMCI1
This pin is used as the 8-bit timer external clock input pin when external clock
is selected with bits CKS2 to CKS0 in TCR1.
The pin function is switched as shown below according to the combination of
bit P25DDR.
P25DDR
0
1
Pin function
P2
5 input
P2
5 output
TMCI1 input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com